Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-5160 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-5160
Description  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-5160 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-5160 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-5160 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
ACPL-5160, ACPL-5161 and 5962-12236*
2.5 Amp Gate Drive Optocoupler with Integrated (VCE)
Desaturation Detection and Fault Status Feedback
Data Sheet
Description
This family of Avago 2.5 Amp Gate Drive Optocouplers
providesIntegratedDesaturation(VCE)DetectionandFault
Status Feedback for IGBTVCE fault protection in a rugged,
hermetically-sealed package. The devices are capable of
operation and storage over the full military temperature
range and can be purchased as either commercial-grade
products or in fully MIL-STD compliant versions. The
military standard devices are manufactured and tested
on a MIL-PRF-38534 certified line to Class H specifications;
Standard Microcircuit Drawing (SMD) 5962-12236. They
are included in the Defense Logistics Agency (DLA) Land
and Maritime Qualified Manufacturers List, QML-38534
for Hybrid Microcircuits.
Features
• 2.5 A maximum peak output current
• Drive IGBTs up to IC = 150A, VCE = 1200V
• Optically isolated, FAULT status feedback
• Hermetically sealed ceramic package
• CMOS/TTL compatible
• 500 ns max. switching speeds
• “Soft”IGBT turn-off
• Integrated fail-safe IGBT protection
– Desat (VCE) detection
– Under Voltage Lock-Out protection (UVLO) with
hysteresis
• User configurable: inverting, noninverting, auto-reset,
auto-shutdown
• Wide operating VCC range: 15 V to 30 V
• –55 °C to +125 °C operating temperature range
• 15 kV/µs Typical Common Mode Rejection (CMR) at
VCM=1000V
Fault Protected IGBT Gate Drive
MICROCONTROLLER
M
–HV
+HV
ISOLATION
BOUNDARY
ISOLATION
BOUNDARY
ISOLATION
BOUNDARY
ISOLATION
BOUNDARY
ISOLATION
BOUNDARY
ISOLATION
BOUNDARY
ACPL - 516x
ISOLATION
BOUNDARY
3-PHASE
INPUT
FAULT
ACPL - 516x
ACPL - 516x
ACPL - 516x
ACPL - 516x
ACPL - 516x
ACPL - 516x
* SMD pending


Similar Part No. - ACPL-5160

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Similar Description - ACPL-5160

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com