Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-5161 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-5161
Description  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-5161 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-5161 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
Product Overview Description
The ACPL-516x is a highly integrated power control de-
vice that incorporates all the necessary components for
a complete, isolated IGBT gate drive circuit with fault
protection and feedback into one rugged, hermetically
sealed package. TTL input logic levels allow direct in-
terface with a microcontroller, and an optically isolated
power output stage drives IGBTs with power ratings of
up to 150 A and 1200 V. A high speed internal optical link
minimizes the propagation delays between the micro-
controller and the IGBT while allowing the two systems
to operate at very large common mode voltage differ-
ences that are common in industrial motor drives and
other power switching applications. An output IC pro-
vides local protection for the IGBT to prevent damage
during overcurrents, and a second optical link provides
a fully isolated fault status feedback signal for the mi-
crocontroller. A built in “watchdog” circuit monitors the
power stage supply voltage to prevent IGBT damage
caused by insufficient gate drive voltages. This integrat-
ed IGBT gate driver is designed to increase the perfor-
mance and reliability of a motor drive without the cost,
size, and complexity of a discrete design.
Two light emitting diodes and two integrated circuits
housed in the same 16-pin ceramic package provide the
input control circuitry, the output power stage, and two
optical channels. The input Buffer IC is designed on a bi-
polar process, while the output Detector IC is manufac-
tured on a high voltage BiCMOS/Power DMOS process.
The forward optical signal path, as indicated by LED1,
transmits the gate control signal. The return optical sig-
nal path, as indicated by LED2, transmits the fault status
feedback signal. Both optical channels are completely
controlled by the input and output ICs respectively,
making the internal isolation boundary transparent to
the microcontroller.
Under normal operation, the input gate control signal di-
rectly controls the IGBT gate through the isolated output
detector IC. LED2 remains off and a fault latch in the in-
put buffer IC is disabled. When an IGBT fault is detected,
the output detector IC immediately begins a “soft” shut-
down sequence, reducing the IGBT current to zero in a
controlled manner to avoid potential IGBT damage from
inductive overvoltages. Simultaneously, this fault status
is transmitted back to the input buffer IC via LED2, where
the fault latch disables the gate control input and the ac-
tive low fault output alerts the microcontroller.
During power-up, the Under Voltage Lockout (UVLO)
feature prevents the application of insufficient gate volt-
age to the IGBT, by forcing the ACPL-516x’s output low.
Once the output is in the high state, the DESAT (VCE)
detection feature of the ACPL-516x provides IGBT pro-
tection. Thus, UVLO and DESAT work in conjunction to
provide constant IGBT protection.
SHIELD
HCPL-316J functional diagram
DESAT
FAULT
UVLO
OUTPUT IC
SHIELD
INPUT IC
RESET
5
FAULT
6
VIN+
1
VIN- 2
VCC1
3
VCC2
13
12
VOUT
11
VEE
9,10
VE
16
DESAT
14
VC
VLED2+
GND1
15
4
VLED1-
7
8
VLED1+
LED2
LED1
D
R
I
V
E
R


Similar Part No. - ACPL-5161

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-5161 BOARDCOM-ACPL-5161 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Similar Description - ACPL-5161

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com