Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-89572 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # 5962-89572
Description  Dual Channel Line Receiver Hermetically Sealed Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

5962-89572 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  5962-89572 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 5962-89572 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCPL-1930, HCPL-1931, HCPL-193K, 5962-89572
Dual Channel Line Receiver Hermetically
Sealed Optocoupler
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The HCPL-193X devices are dual channel, hermeti-
cally sealed, high CMR, line receiver optocouplers. The
products are capable of operation and storage over the
full military temperature range and can be purchased as
either a standard product or with full MIL-PRF-38534 Class
Level H or K testing, or from the DLA Standard Microcircuit
Drawing (SMD) 5962-89572. This sixteen pin DIP may be
purchased with a variety of lead bend and plating options.
See selection guide table for details. Standard Microcircuit
Drawing (SMD) parts are available for each lead style.
Functional Diagram
Features
• Dual marked with device part number and DLA
standard microcircuit drawing
• Manufactured and tested on a MIL-PRF-38534 certified
line
• QML-38534, Class H and Class K
• Hermetically sealed 16-pin dual in-line package
• Performance guaranteed over full military temperature
range: -55° C to +125° C
• High speed – 10 Mb/s
• Accepts a broad range of drive conditions
• Adaptive line termination included
• Internal shield provides excellent common mode
rejection
• External base lead allows “LED Peaking” and LED
current adjustment
• 1500 Vdc withstand test voltage
• High radiation immunity
• HCPL-2602 function compatibility
• Reliability data available
Applications
• Military and space
• High reliability systems
• Isolated line receiver
• Simplex/multiplex data transmission
• Computer-peripheral interface
• Microprocessor system interface
• Harsh environmental environments
• Digital isolation for A/D, D/A conversion
• Current sensing
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
Truth Table (Positive Logic)
INPUT
ENABLE
OUTPUT
ON
H
L
OFF
H
H
ON
L
H
OFF
L
H
Note: The connection of a 0.1
µF bypass capacitor between pins 15 and 10 is recommended.


Similar Part No. - 5962-89572

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-89572 HP-5962-89572 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Broadcom Corporation.
5962-89572 BOARDCOM-5962-89572 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
5962-8957201EA HP-5962-8957201EA Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
5962-8957201EC HP-5962-8957201EC Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
5962-8957201EX HP-5962-8957201EX Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results

Similar Description - 5962-89572

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66013 MICROPAC-66013 Datasheet
88Kb / 2P
   DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
66056 MICROPAC-66056 Datasheet
89Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
66012 MICROPAC-66012 Datasheet
93Kb / 2P
   FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com