Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL358D Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL358D
Description  Low Power Dual Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL358D Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL358D Datasheet HTML 1Page - IK Semicon Co., Ltd IL358D Datasheet HTML 2Page - IK Semicon Co., Ltd IL358D Datasheet HTML 3Page - IK Semicon Co., Ltd IL358D Datasheet HTML 4Page - IK Semicon Co., Ltd IL358D Datasheet HTML 5Page - IK Semicon Co., Ltd IL358D Datasheet HTML 6Page - IK Semicon Co., Ltd IL358D Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IL358
2011, January, Rev. 02
M AXI M UM RATI NGS
*
Symbol
Parameter
Value
Unit
V
CC
Power Supply Voltages
Single Supply
Split Supplies
32
±16
V
V
IDR
Input Differential Voltage Range (1)
±32
V
V
ICR
Input Common Mode Voltage Range
-0.3 to 32
V
I
SC
Output Short Circuit Duration
Continuous
T
J
Junction Temperature
Plastic Packages
150
°C
Tstg
Storage Temperature
Plastic Packages
-55 to + 125
°C
I
IN
Input Current, per pin (2)
50
mA
T
L
Lead Temperature, 1mm from Case for 10 Seconds
260
°C
* Stresses beyond those listed under “ absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “ recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.
Functional operation should be restricted to the Recommended Operating Conditions.
+ Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
Notes:
1. Split Power Supplies.
2. V
IN< -0. 3V . This input current will only exist when voltage at any of the input leads is driven negative.
RECOM M ENDED OPERATI NG CONDI TI ONS
Symbol
Parameter
Min
Max
Unit
V
CC
DC Supply Voltage
±2.5
or 5.0
±15 or
30
V
T
A
Operating Temperature, All Package Types
-40
+ 85
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, V
IN and V OUT should be constrained to the range GND≤(V IN or
V
OUT)≤V CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V
CC). Unused
outputs must be left open.


Similar Part No. - IL358D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL358D INTEGRAL-IL358D Datasheet
186Kb / 4P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL358D IKSEMICON-IL358D Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
More results

Similar Description - IL358D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com