Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL393 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL393
Description  Low Power Low Offset Voltage Dual Comparators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL393 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL393 Datasheet HTML 1Page - IK Semicon Co., Ltd IL393 Datasheet HTML 2Page - IK Semicon Co., Ltd IL393 Datasheet HTML 3Page - IK Semicon Co., Ltd IL393 Datasheet HTML 4Page - IK Semicon Co., Ltd IL393 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
I L 393
January 2011, Ver.03
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC=1.5V, TA=+25°C, (each comporator))
Figure 1. Input Bias Current versus Power
Supply Voltage
Figure 2. Output Saturation Voltage versus
Output Sink Current
Figure 3. Output Saturation Voltage versus Output Sink Current
Figure 4. Power Supply Current versus Power
Supply Voltage
Figure 5. Power Supply Current versus Power
Supply Voltage


Similar Part No. - IL393

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL393 IKSEMICON-IL393 Datasheet
186Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
IL393D IKSEMICON-IL393D Datasheet
186Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
List of Unclassifed Man...
IL393N ETC-IL393N Datasheet
26Kb / 2P
   LOW POWER, LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
IK Semicon Co., Ltd
IL393N IKSEMICON-IL393N Datasheet
186Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - IL393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com