Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL494A Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL494A
Description  PWM Control Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL494A Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL494A Datasheet HTML 1Page - IK Semicon Co., Ltd IL494A Datasheet HTML 2Page - IK Semicon Co., Ltd IL494A Datasheet HTML 3Page - IK Semicon Co., Ltd IL494A Datasheet HTML 4Page - IK Semicon Co., Ltd IL494A Datasheet HTML 5Page - IK Semicon Co., Ltd IL494A Datasheet HTML 6Page - IK Semicon Co., Ltd IL494A Datasheet HTML 7Page - IK Semicon Co., Ltd IL494A Datasheet HTML 8Page - IK Semicon Co., Ltd IL494A Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IL494A
July 2009, Ver.01
ELECTRICAL CHARACTERISTICS (Temperature -20
∼ 85°C, V
CC = 15 V, f=10 kHz))
Symbol
Parameter
Test Conditions
Min
Max
Unit
PWM Comparator Section
VTHP
Input threshold voltage
(pin 3)
Zero duty cycle
4.5
V
II
Input sink current (pin 3)
VO(pin 3)=0.7 V
0.3
mA
Switching Characteristics
trc
Output voltage rise time
Common-emitter configuration
200
ns
tfc
Output voltage fall time
Common-emitter configuration
100
ns
trf
Output voltage rise time
Emitter-follower configuration
200
ns
tff
Output voltage fall time
Emitter-follower configuration
100
ns
Output Section
IC(off)
Collector off-state current
VCE=40 V, VCC=40 V
100
µA
IE(off)
Emitter off-state current
VCC=VC=40 V, VE=0
-100
µA
VSAT
Collector-
emitter
Common-
emitter
VE=0, IC=200 mA
1.3
V
saturation
voltage
Emitter-
follower
VC=15 V, IE=-200 mA
2.5
IOCH
Output control input current
VI=Vref
3.5
mA
Total Device
ICC
Standby supply current
All other inputs &
VCC=15 V
10
mA
outputs open
VCC=40 V
15
ICCA
Average supply current
V(pin 4)=2 V
17
mA
Notes: 1. Duration of the short circuit should not exceed one second.
2. Standard deviation is a measure of the statistical disribution about the mean as derived from the formula
N
(x
n - x)
2
n=1
σ =
N – 1


Similar Part No. - IL494A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL494A IKSEMICON-IL494A Datasheet
230Kb / 5P
   PWM Control Circuit
IL494AD IKSEMICON-IL494AD Datasheet
696Kb / 9P
   PWM Control Circuit
IL494ADT IKSEMICON-IL494ADT Datasheet
696Kb / 9P
   PWM Control Circuit
IL494AN IKSEMICON-IL494AN Datasheet
696Kb / 9P
   PWM Control Circuit
IL494A IKSEMICON-IL494A_16 Datasheet
696Kb / 9P
   PWM Control Circuit
More results

Similar Description - IL494A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK494 KODENSHI-KK494 Datasheet
265Kb / 5P
   PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494 IKSEMICON-IL494_11 Datasheet
411Kb / 9P
   PWM Control Circuit
IL494 IKSEMICON-IL494_16 Datasheet
746Kb / 9P
   PWM Control Circuit
IL494A IKSEMICON-IL494A Datasheet
230Kb / 5P
   PWM Control Circuit
logo
System Logic Semiconduc...
SL494 SLS-SL494 Datasheet
38Kb / 4P
   PWM Control Circuit
logo
Hynix Semiconductor
GL494 HYNIX-GL494 Datasheet
94Kb / 7P
   PWM CONTROL CIRCUIT
logo
Integral Corp.
IL494 INTEGRAL-IL494 Datasheet
169Kb / 4P
   PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494 IKSEMICON-IL494 Datasheet
230Kb / 5P
   PWM Control Circuit
IL494A IKSEMICON-IL494A_16 Datasheet
696Kb / 9P
   PWM Control Circuit
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com