Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF53G Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # SF53G
Description  SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF53G Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  SF53G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF53G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
0.1
1.0
10
50
FIG.4-TYPICAL REVERSE
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1
2
3
4
5
6
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
Tj=100 C
Tj=25 C
30
0
60
90
120
150
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,( C)
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80 100 120 140
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.4
.6
.8
1.0 1.2 1.4 1.6
1.8
3.0
Tj=25 C
SF51G~SF588G
http://www.yeashin.com
2
REV.02 20110725


Similar Part No. - SF53G

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SF53G MIC-SF53G Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
SF53G CHENDA-SF53G Datasheet
570Kb / 2P
   SUPER FAST RECTIFIER
logo
Chongqing Pingwei Enter...
SF53G CHONGQING-SF53G Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Yangzhou yangjie electr...
SF53G YANGJIE-SF53G Datasheet
190Kb / 2P
   Super Fast Rectifier
logo
SeCoS Halbleitertechnol...
SF53G SECOS-SF53G Datasheet
161Kb / 2P
   5 A, Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF53G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
SF51G YIXIN-SF51G Datasheet
145Kb / 2P
   SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
Yea Shin Technology Co....
SF31G YEASHIN-SF31G Datasheet
53Kb / 2P
   SUPE RFAST RECOVERY RECTIFIERS VOLTAG E - 50 to 8 00 Volts CURRENT - 3.0 Amperes
SF21G YEASHIN-SF21G Datasheet
79Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
ER500 PANJIT-ER500 Datasheet
62Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50_15 Datasheet
158Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
logo
DAESAN ELECTRONIC CORP.
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
BY550-50 DAESAN-BY550-50 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Pan Jit International I...
ED502T PANJIT-ED502T_03 Datasheet
46Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com