Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF802 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SF802
Description  VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SF802 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SF802 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SF802 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Good for switching mode application
High temperature soldering : 26
0
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
Polarity: As Marked
Mounting position: Any
Weight: 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SF801
SF802
SF803
SF804
SF805
SF806
SF807
UNITS
Maximum Recurrent Peak Reverse V oltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
320
420
V
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
V
Maximum Average For ward Rectif ied Current
.375"(9.5mm) Lead Length at Tc=100
8.0
A
Peak For ward Surge Current , 8.3 ms single half s ine-wave
super imposed on rated load (J EDEC method)
125
A
Maximum Instantaneous Forward Vol tage at 8.0A
0.95
1.30
1.70
V
Maxi mum DC Reverse Cur rent Tc=25
at Rated DC B locking Vol tage Tc=100
10
500
µA
µA
Maximum Reverse Recovery Time (Note 1)
35
50
nS
Typi cal Junction Capacitance (Note 2)
50
pF
Operating and Storage Temperature Range TJ, TSTG
-55 +150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
TO-220AC
Unit:inch(mm)
.419(10.66)
MAX
.196(5.0)
.163(4.16)
.054(1.39)
.045(1.15)
.114(2.9)
.098(2.5)
.025(0.65)
MAX
.139(3.55)
.MIN
DIA
PIN1
3
2
.177(4.5)
.MAX
.038(0.96)
.019(.5)
.100(2.54)
.624(15.87)
.548(13.93)
.50(12.7)
MAX
.269(6.85)
.226(5.75)
DATA SHEET
SF801~SF807
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C
°C


Similar Part No. - SF802

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF802 PACELEADER-SF802 Datasheet
587Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
HY ELECTRONIC CORP.
SF802 HY-SF802 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
SF802 NIUHANG-SF802 Datasheet
339Kb / 3P
   SUPER FAST RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SF802A ASEMI-SF802A Datasheet
292Kb / 2P
   8A super fast recovery diode
2018.11 Rev.3.1
logo
Guangdong Juxing Electr...
SF802DS JUXING-SF802DS Datasheet
2Mb / 3P
   Superfast Recovery Rectitiers
More results

Similar Description - SF802

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SF801F YEASHIN-SF801F Datasheet
41Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
logo
DAESAN ELECTRONIC CORP.
SFP81 DAESAN-SFP81 Datasheet
283Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
   CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
WILLAS ELECTRONIC CORP
FR801 WILLAS-FR801 Datasheet
238Kb / 2P
   VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
RS801 WILLAS-RS801 Datasheet
996Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
logo
Yea Shin Technology Co....
SF1001CT YEASHIN-SF1001CT Datasheet
67Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
SF1001FCT YEASHIN-SF1001FCT Datasheet
86Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com