Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2235 Datasheet(PDF) 8 Page - International Rectifier

Part # IR2235
Description  3-PHASE BRIDGE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2235 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2235 Datasheet HTML 4Page - International Rectifier IR2235 Datasheet HTML 5Page - International Rectifier IR2235 Datasheet HTML 6Page - International Rectifier IR2235 Datasheet HTML 7Page - International Rectifier IR2235 Datasheet HTML 8Page - International Rectifier IR2235 Datasheet HTML 9Page - International Rectifier IR2235 Datasheet HTML 10Page - International Rectifier IR2235 Datasheet HTML 11Page - International Rectifier IR2235 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
8
www.irf.com
Min.
Typ.
M ax.
0
300
600
900
1200
1500
-50
-25
0
255075
100
125
Temperature (oC)
Figure 6A. Turn-On Time vs. Temperature
Min.
Typ.
M ax.
0
300
600
900
1200
1500
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 6B. Turn-On Time vs. Voltage
Max.
Typ.
Min.
0
300
600
900
1200
1500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 7A. Turn-Off Time vs. Temperature
Min.
Typ.
M ax.
0
300
600
900
1200
1500
2.5
3
3.5
4
4.5
5
Input Voltage (V)
Figure 6C. Turn-On Time vs. Input Voltage
Min.
Typ.
M ax.
0
300
600
900
1200
1500
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 7B. Turn-Off Time vs. Voltage
Typ.
Min.
M ax.
0
300
600
900
1200
1500
2.5
3
3.5
4
4.5
5
Input Voltage (V)
Figure 7C. Turn-Off Time vs. Input
Voltage


Similar Part No. - IR2235

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2235 IRF-IR2235 Datasheet
218Kb / 12P
   3-PHASE BRIDGE DRIVER
IR2235 IRF-IR2235 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2235 IRF-IR2235 Datasheet
433Kb / 27P
   Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
logo
Infineon Technologies A...
IR2235 INFINEON-IR2235 Datasheet
436Kb / 27P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
logo
International Rectifier
IR2235J IRF-IR2235J Datasheet
218Kb / 12P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2235

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com