Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT102-0096-N3175-S Datasheet(PDF) 6 Page - CUI INC

Part # AMT102-0096-N3175-S
Description  MODULAR ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT102-0096-N3175-S Datasheet(HTML) 6 Page - CUI INC

  AMT102-0096-N3175-S Datasheet HTML 1Page - CUI INC AMT102-0096-N3175-S Datasheet HTML 2Page - CUI INC AMT102-0096-N3175-S Datasheet HTML 3Page - CUI INC AMT102-0096-N3175-S Datasheet HTML 4Page - CUI INC AMT102-0096-N3175-S Datasheet HTML 5Page - CUI INC AMT102-0096-N3175-S Datasheet HTML 6Page - CUI INC AMT102-0096-N3175-S Datasheet HTML 7Page - CUI INC AMT102-0096-N3175-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
date
07/26/2013 │ page 6 of 8
CUI Inc
│ SERIES: AMT10X │ DESCRIPTION: MODULAR ENCODER
R1.05 0.041
.28 0.011
DETAIL A
SCALE 4 : 1
20.90 0.823
22.00 0.866
25.40 1.000
19.05 0.750
0.488
12.40
(4 PLCS)
0.079
1.70 0.067
(2 PLCS)
2.95 0.116
(2 PLCS)
20.00 0.787
2.00
16.00 0.630
A (3 PLCS)
SPECIFIED
TOLERANCE:
±0.05mm UNLESS OTHERWISE
0.488
15.30 0.602
0.269
1.126
28.60
12.39
6.83
R15.50 0.610
15.34 0.604
9.00 0.354
1.347
34.21
11.50 0.453
MECHANICAL DRAWING


Similar Part No. - AMT102-0096-N3175-S

ManufacturerPart #DatasheetDescription
logo
CUI Devices
AMT102-0512-15000-S CUID-AMT102-0512-15000-S Datasheet
869Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/05/2022
More results

Similar Description - AMT102-0096-N3175-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com