Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT4 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MCT4
Description  PHOTOTRANSISTOR OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT4 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MCT4 Datasheet HTML 1Page - Fairchild Semiconductor MCT4 Datasheet HTML 2Page - Fairchild Semiconductor MCT4 Datasheet HTML 3Page - Fairchild Semiconductor MCT4 Datasheet HTML 4Page - Fairchild Semiconductor MCT4 Datasheet HTML 5Page - Fairchild Semiconductor MCT4 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PHOTOTRANSISTOR OPTOCOUPLER
MCT4
DS300241
8/13/01
5 OF 6
www.fairchildsemi.com
Figure 7. Modulation Circuit Used to Obtain Output vs.
Frequency Plot
LED
MODULATION
INPUT
DETECTOR
OUTPUT
VCC = 10 VOLTS
RL = 100 Ω
CONSTANT
CURRENT
INPUT
47
1
µF
IF
IC
Figure 8. Circuit Used to Obtain Switching Time vs.
Collector Current Plot
LED
PULSE
INPUT
DETECTOR
PULSE
OUTPUT
VCC = 10 VOLTS
RL = 100 Ω
47
IF
IC
λ
λ


Similar Part No. - MCT4

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
MCT4 SKYWORKS-MCT4 Datasheet
388Kb / 6P
   Photo-Transistor Hermetic Optocouplers
June 26, 2017
logo
Motorola, Inc
MCT4HCXXAN MOTOROLA-MCT4HCXXAN Datasheet
181Kb / 8P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
logo
Fairchild Semiconductor
MCT4R FAIRCHILD-MCT4R Datasheet
184Kb / 3P
   RELIABILITY CONDITIONED HERMETIC PHOTOTRANSISTOR OPTOCOUPLER
logo
Skyworks Solutions Inc.
MCT4R SKYWORKS-MCT4R Datasheet
388Kb / 6P
   Photo-Transistor Hermetic Optocouplers
June 26, 2017
More results

Similar Description - MCT4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
   Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com