Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT2031024-6000-D Datasheet(PDF) 6 Page - CUI INC

Part # AMT2031024-6000-D
Description  MODULAR ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT2031024-6000-D Datasheet(HTML) 6 Page - CUI INC

  AMT2031024-6000-D Datasheet HTML 1Page - CUI INC AMT2031024-6000-D Datasheet HTML 2Page - CUI INC AMT2031024-6000-D Datasheet HTML 3Page - CUI INC AMT2031024-6000-D Datasheet HTML 4Page - CUI INC AMT2031024-6000-D Datasheet HTML 5Page - CUI INC AMT2031024-6000-D Datasheet HTML 6Page - CUI INC AMT2031024-6000-D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 02/12/2013
│ page 6 of 7
CUI Inc
│ SERIES: AMT203 │ DESCRIPTION: MODULAR ENCODER
SPI Commands:
The commands are all 8 bits long, the msb is shifted in first, and is the leftmost bit shown in Figure 7.
Encoder Protocol Considerations:
The Encoder is designed to operate with a high speed SPI link, in full duplex mode. This implies the host can
issue commands and read data as quickly as necessary but there has to be an acknowledgement from the
slave just before the data is transferred.
Essentially the host issues a command, receives zero or more wait sequences (0xA5 or 1010,0101) then the
echo of the command followed by an optional payload.
So, for example to read the position, the host issues rd_pos (0x10 or 0001,0000), receiving a series of wait
sequences (0xA5) then a reflected rd_pos (0x10), then the MSB data followed by the LSB data.
It is recommended that the host leave a 20 us gap between reads to avoid extending the read time by forcing
wait sequences.
Command 0x00: nop_a5
This command is ignored by the Encoder and simply causes the next data to be read. The encoder responds
with 0xA5 if there is nothing else to send.
Command 0x10: rd_pos
This command causes a read of the current position.
The sequence is as follows:
1) issue read command, receive idle character
2) issue NOP, receive idle character 0xA5 or 0x10
3) repeat step 2 if it is 0xA5
4) issue NOP and receive MSB position (4 bits valid data)
5) issue NOP and receive LSB position (8 bits valid data)
Note that it is possible to overlap commands, so instead of NOP is several steps above
the user could start another operation. The read and write FIFOs for the PCI streams are
16 bytes long and it is up to the user to avoid overflow.
Command 0x70: set_zero_point
This command sets the current position to zero and saves this setting in the EEPROM. The host
should send nop_a5 repeatedly after sending this command, the response will be 0xa5 while update
is proceeding and 0x80 is the response when update is finished.


Similar Part No. - AMT2031024-6000-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
375Kb / 6P
   12 BIT ABSOLUTE ENCODER
AMT203-0096-2000 CUI-AMT203-0096-2000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203-0096-3000 CUI-AMT203-0096-3000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
More results

Similar Description - AMT2031024-6000-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com