Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2902 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL2902
Description  Low Power Quad Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2902 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL2902 Datasheet HTML 1Page - IK Semicon Co., Ltd IL2902 Datasheet HTML 2Page - IK Semicon Co., Ltd IL2902 Datasheet HTML 3Page - IK Semicon Co., Ltd IL2902 Datasheet HTML 4Page - IK Semicon Co., Ltd IL2902 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
I L 2902
2011, January, Rev. 01
DC ELECTRICAL CHARACTERISTICS (TA=-40 to +85°C)
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIO
Maximum Input Offset
Voltage
VO=1.4V VCC=5.0-30V;RS=0Ω
VICM=0V to VCC-1.7V
9.0
5.0*
mV
∆V
IO/∆T
Input Offset Voltage
Drift
RS=0Ω, VCC=30V
7.0
µV/°C
IIO
Maximum Input Offset
Current
VCC=5.0V
150
50*
nA
∆I
IO/∆T
Input Offset Current Drift
RS=0Ω, VCC=30V
10
pA/
°C
IIB
Maximum Input Bias
Current
VCC=5.0V
500
250*
nA
VICR
Input Common Mode
Voltage Range
VCC=30V
0
28
V
ICC
Maximum Power Supply
Current
RL=∞,VCC=30V,V0=0V
RL=∞,VCC=5V,V0=0V
3
1.2
mA
AVOL
Minimum Large Signal
Open-Loop Voltage Gain
VCC=15V, RL≥2KΩ
15
25*
V/mV
VOH
Minimum Output High-
Level Voltage Swing
VCC=30V,RL=2KΩ
VCC=30V,RL=10KΩ
26
27
V
VOL
Maximum Output Low-
Level Voltage Swing
VCC=5V,RL=10KΩ
20
mV
CMR
Common Mode Rejection VCC=30V, RS=10KΩ
65*
dB
PSR
Power Supply Rejection
VCC=30V
65*
dB
CS
Channel Separation
f=1KHz to 20KHz,VCC=30V
-120*
dB
ISC
Maximum Output Short
Circuit to GND
VCC=5.0V
60*
mA
Isource
Minimum Output Source
Current
VIN+=1V, VIN-=0V, VCC=15V,
V0=0V
10
mA
Isink
Minimum Output Sink
Current
VIN+=0V, VIN-=1V, VCC=15V,
V0=15V
VIN+=0V, VIN-=1V, VCC=15V,
V0=0.2V
5
10*
12*
mA
µA
VIDR
Differential Input
Voltage Range
All VIN≥GND or V-Supply (if
used)
VCC*
V
*=@25
°C


Similar Part No. - IL2902

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL2902 INTEGRAL-IL2902 Datasheet
334Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
Integral Corp.
IL2902D INTEGRAL-IL2902D Datasheet
334Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902D IKSEMICON-IL2902D Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
Integral Corp.
IL2902N INTEGRAL-IL2902N Datasheet
334Kb / 5P
   Low Power Quad Operational Amplifier
More results

Similar Description - IL2902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
   Low Power Quad Operational Amplifier
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Quad-Operational Amplifier
JUNE 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com