Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB20EN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMPB20EN
Description  30 V N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB20EN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMPB20EN Datasheet HTML 4Page - NXP Semiconductors PMPB20EN Datasheet HTML 5Page - NXP Semiconductors PMPB20EN Datasheet HTML 6Page - NXP Semiconductors PMPB20EN Datasheet HTML 7Page - NXP Semiconductors PMPB20EN Datasheet HTML 8Page - NXP Semiconductors PMPB20EN Datasheet HTML 9Page - NXP Semiconductors PMPB20EN Datasheet HTML 10Page - NXP Semiconductors PMPB20EN Datasheet HTML 11Page - NXP Semiconductors PMPB20EN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PMPB20EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 16 May 2012
8 of 15
NXP Semiconductors
PMPB20EN
30 V N-channel Trench MOSFET
VDS > ID × RDSon
Fig 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 11. Normalized drain-source on-state resistance as
a function of junction temperature; typical
values
ID = 0.25 mA; VDS = VGS
f = 1 MHz; VGS = 0 V
Fig 12. Gate-source threshold voltage as a function of
junction temperature
Fig 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
VGS (V)
04
3
12
017aaa548
10
20
30
ID
(A)
0
Tj = 25 °C
Tj = 150 °C
Tj (°C)
-60
180
120
060
017aaa549
1.0
1.4
1.8
a
0.6
Tj (°C)
-60
180
120
060
017aaa560
1.0
1.5
0.5
2.0
2.5
VGS(th)
(V)
0.0
min
typ
max
017aaa550
VDS (V)
10-1
102
10
1
102
103
C
(pF)
10
Ciss
Coss
Crss


Similar Part No. - PMPB20EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB20EN NEXPERIA-PMPB20EN Datasheet
349Kb / 15P
   30 V, N-channel Trench MOSFET
12 July 2018
logo
NXP Semiconductors
PMPB20EN PHILIPS-PMPB20EN_15 Datasheet
275Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
More results

Similar Description - PMPB20EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
   30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
   30 V, N-channel Trench MOSFET
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
   30 V, N-channel Trench MOSFET
29 April 2019
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
   30 V, N-channel Trench MOSFET
12 April 2019
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
   30 V, N-channel Trench MOSFET
7 July 2020
PMPB15ENE NEXPERIA-PMPB15ENE Datasheet
294Kb / 14P
   30 V, N-channel Trench MOSFET
30 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com