Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 13000
Description  Professional quick-break momentary pushbutton switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

13000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  13000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 13000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 13000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 13000 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B2-50
APEM
www.apem.com
B2
13000 series
Professional quick-break momentary pushbutton switches
UL
CECC
CECC 96401-001
AGENCY APPROVALS
1-3
1-2
With short plunger
13445 -4 X768
ON
MOM
With long plunger
13445 -9 X768
ON
MOM
X768
Sealed switch with Ø 11,9 (15/32) flatted bushing. Chrome plated actuator. Solder lug terminals,
double pole. Contact and finish options available.
Security cap for this model : see section I.
Flat
Short (-4)
Long (-
9)
(.472 DIA)
Ø12.00
(.200)
5.10
(.314 DIA)
(.236)
(.314 DIA)
(.019)
(.157)
6.00
Ø8.00
4.00
0.50
Ø8.00
EPOXY
(.098)
2.50
2
1
3
Availability :
UL : all models with silver or gold plated silver contacts
CECC : consult factory for details of approved models.
Marking : to order switches marked UL or CECC, please complete above box with desired approval.
Blank : no agency approval required.
10-Serie 13000-A_13-Serie 13000-A 21/11/12 14:59 Page50


Similar Part No. - 13000

ManufacturerPart #DatasheetDescription
logo
Heyco.
13000 HEYCO-13000 Datasheet
129Kb / 1P
   Nytyes® with Stainless Steel Locking Device
13000 HEYCO-13000 Datasheet
129Kb / 1P
   Nytyes® with Stainless Steel Locking Device
logo
Eaton All Rights Reserv...
130000 EATON-130000 Datasheet
1Mb / 36P
   Surge Protection
logo
YEONHO ELECTRONICS
130001HS YEONHO-130001HS Datasheet
149Kb / 1P
   13.0mm PITCH CONNECTOR
130001WR YEONHO-130001WR Datasheet
194Kb / 1P
   13.0mm PITCH CONNECTOR
More results

Similar Description - 13000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
U573 ETC2-U573 Datasheet
34Kb / 1P
   SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
1212MA ETC-1212MA Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
   Momentary pushbutton switches - round plunger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com