Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE22F23I7N Datasheet(PDF) 5 Page - Altera Corporation

Part # EP4CE22F23I7N
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22F23I7N Datasheet(HTML) 5 Page - Altera Corporation

  EP4CE22F23I7N Datasheet HTML 1Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 2Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 3Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 4Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 5Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 6Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 7Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 8Page - Altera Corporation EP4CE22F23I7N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–5
Operating Conditions
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
IDiode
Magnitude of DC current across
PCI-clamp diode when enable
——10
mA
Notes to Table 1–3:
(1) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support
C6, C7, C8, I7, and A7 speed grades.
(2) VCCIO for all I/O banks must be powered up during device operation. All VCCA pins must be powered to 2.5 V (even when PLLs are not used)
and must be powered up and powered down at the same time.
(3) VCC must rise monotonically.
(4) VCCIO powers all input buffers.
(5) The I7 devices support extended operating junction temperature up to 125°C (usual range is –40°C to 100°C). When using I7 devices at the
extended junction temperature ranging from –40°C to 125°C, select C8 as the target device when designing in the Quartus® II software. The I7
devices meet all C8 timing specifications when I7 devices operate beyond 100°C and up to 125°C.
(6) The POR time for Standard POR ranges between 50 and 200 ms. Each individual power supply must reach the recommended operating range
within 50 ms.
(7) The POR time for Fast POR ranges between 3 and 9 ms. Each individual power supply must reach the recommended operating range within
3ms.
Table 1–3. Recommended Operating Conditions for Cyclone IV E Devices (1), (2) (Part 2 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 1–4. Recommended Operating Conditions for Cyclone IV GX Devices (Part 1 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCINT (3)
Core voltage, PCIe hard IP block, and
transceiver PCS power supply
1.16
1.2
1.24
V
VCCA (1), (3)
PLL analog power supply
2.375
2.5
2.625
V
VCCD_PLL (2)
PLL digital power supply
1.16
1.2
1.24
V
VCCIO (3), (4)
I/O banks power supply for 3.3
-V
operation
3.135
3.3
3.465
V
I/O banks power supply for 3.0
-V
operation
—2.85
3
3.15
V
I/O banks power supply for 2.5
-V
operation
2.375
2.5
2.625
V
I/O banks power supply for 1.8
-V
operation
1.71
1.8
1.89
V
I/O banks power supply for 1.5
-V
operation
1.425
1.5
1.575
V
I/O banks power supply for 1.2
-V
operation
1.14
1.2
1.26
V
VCC_CLKIN
(3), (5), (6)
Differential clock input pins power
supply for 3.3
-V operation
3.135
3.3
3.465
V
Differential clock input pins power
supply for 3.0
-V operation
—2.85
3
3.15
V
Differential clock input pins power
supply for 2.5
-V operation
2.375
2.5
2.625
V
Differential clock input pins power
supply for 1.8
-V operation
1.71
1.8
1.89
V
Differential clock input pins power
supply for 1.5
-V operation
1.425
1.5
1.575
V
Differential clock input pins power
supply for 1.2
-V operation
1.14
1.2
1.26
V


Similar Part No. - EP4CE22F23I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE22F23C8N ALTERA-EP4CE22F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
More results

Similar Description - EP4CE22F23I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com