Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7313PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7313PBF
Description  Generation V Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7313PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7313PBF Datasheet HTML 1Page - International Rectifier IRF7313PBF Datasheet HTML 2Page - International Rectifier IRF7313PBF Datasheet HTML 3Page - International Rectifier IRF7313PBF Datasheet HTML 4Page - International Rectifier IRF7313PBF Datasheet HTML 5Page - International Rectifier IRF7313PBF Datasheet HTML 6Page - International Rectifier IRF7313PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF7313PbF
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Typical Source-Drain Diode
Forward Voltage
1
10
100
0.1
1
10
20µs PULSE WIDTH
T = 25°C
A
J
DS
V
, Drain-to-Source Voltage (V)
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 3.0V
1
10
100
0.1
1
10
A
DS
V
, Drain-to-Source Voltage (V)
20µs PULSE WIDTH
T = 150°C
J
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 3.0V
1
10
100
3.0
3.5
4.0
4.5
5.0
T = 25°C
T = 150°C
J
J
GS
V
, Gate-to-Source Voltage (V)
A
V
= 10V
20µs PULSE WIDTH
DS
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
VDS


Similar Part No. - IRF7313PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313PBF IRF-IRF7313PBF Datasheet
205Kb / 7P
   HEXFET Power MOSFET
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
   GENERATION V TECHNOLOGY
IRF7313PBF-1 IRF-IRF7313PBF-1 Datasheet
210Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7313PBF-1 IRF-IRF7313PBF-1_15 Datasheet
210Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7313PBF IRF-IRF7313PBF_15 Datasheet
210Kb / 7P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7313PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com