Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF2A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # UF2A
Description  SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF2A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF2A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF2A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
ULT RA FAST RECTI FIERS FORWARD CURRENT - 2.0 Ampere
FEATURES
• Glass passivated chip
• Ultra fast switching for high efficiency
• For surface mounted applications
• Low forward voltage drop and high current capability
• Low reverse leakage current
• Plastic material has UL flammability classification 94V-0
High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
• Case : Molded plastic
• Polarity : Indicated by cathode band
• Weight : 0.003 ounces, 0.093 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UF2A
UF2B
UF2D
UF2G
UF2J
UF2K
UF2M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average For ward
Rectified Current
@TL =75
I(AV)
2.0
A
Peak For ward Surge Current
8.3ms single ha lf sine- wave
super imposed on rated l oad (JEDEC METHOD)
IFSM
50
A
Maxi mum f orward Voltage at 1.0A DC
VF
1.0
1.3
1.5
1.7
V
Maxi mum DC Reverse Cur rent
@TJ =25
at Rated DC Blocking Voltage
@TJ =100
IR
5
100
uA
Maximum Reverse Recovery Time (Note 1)
TRR
50
75
ns
Typi cal Junction
Capacitance (Note 2)
CJ
20
10
pF
Typical Thermal Resistance (Note 3 )
R
θJL
30
Operati ng Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
NOTES : 1.Reverse Recovery Test Conditions :IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance junction to Lead.
.083(2.11)
.075(1.91)
.012(.305)
.006(.152)
.012(.31)
.006(.15)
.008(.203)
.002(.051)
.050(1.27)
.030(0.76)
SMB/DO-214AA
Unit:inch(mm)
.155(3.94)
.130(3.30)
.185(4.70)
.160(4.06)
.096(2.44)
.083(2.13)
.220(5.59)
.200(5.08)
DATA SHEET
UF2A~UF2M
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C
°C
°C


Similar Part No. - UF2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
UF2A PANJIT-UF2A Datasheet
112Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Nantong Hornby Electron...
UF2A HORNBY-UF2A Datasheet
290Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Surge Components
UF2A SURGE-UF2A Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - UF2A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
US1A YEASHIN-US1A Datasheet
38Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
   REVERSE VOLTAGE - 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
   Reverse Voltage :50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1A PACELEADER-US1A Datasheet
129Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com