Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT5211 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MCT5211
Description  LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5211 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MCT5211 Datasheet HTML 1Page - Fairchild Semiconductor MCT5211 Datasheet HTML 2Page - Fairchild Semiconductor MCT5211 Datasheet HTML 3Page - Fairchild Semiconductor MCT5211 Datasheet HTML 4Page - Fairchild Semiconductor MCT5211 Datasheet HTML 5Page - Fairchild Semiconductor MCT5211 Datasheet HTML 6Page - Fairchild Semiconductor MCT5211 Datasheet HTML 7Page - Fairchild Semiconductor MCT5211 Datasheet HTML 8Page - Fairchild Semiconductor MCT5211 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
6/10/03
Page 1 of 11
© 2003 Fairchild Semiconductor Corporation
MCT5200
MCT5201
MCT5210
MCT5211
LOW INPUT CURRENT
PHOTOTRANSISTOR OPTOCOUPLERS
Description
The MCT52XX series consists of a high-efficiency AlGaAs, infrared emitting
diode, coupled with an NPN phototransistor in a six pin dual-in-line package.
The MCT52XX is well suited for CMOS to LSTT/TTL interfaces, offering
250% CTRCE(SAT) with 1 mA of LED input current. When an LED input
current of 1.6 mA is supplied data rates to 20K bits/s are possible.
The MCT52XX can easily interface LSTTL to LSTTL/TTL, and with use of an
external base to emitter resistor data rates of 100K bits/s can be achieved.
Features
High CTRCE(SAT) comparable to Darlingtons
CTR guaranteed 0°C to 70°C
High common mode transient rejection 5kV/µs
Data rates up to 150 kbits/s (NRZ)
Underwriters Laboratory (UL) recognized (file #E90700)
VDE recognized (file #94766)
– Add option 300 (e.g., MCT5211.300)
Applications
CMOS to CMOS/LSTTL logic isolation
LSTTL to CMOS/LSTTL logic isolation
RS-232 line receiver
Telephone ring detector
AC line voltage sensing
Switching power supply
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-55 to +150
°C
Operating Temperature
TOPR
All
-55 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation @ 25°C (LED plus detector)
PD
All
260
mW
Derate Linearly From 25°C
3.5
mW/°C
EMITTER
Continuous Forward Current
IF
All
50
mA
Reverse Input Voltage
VR
All
6
V
Forward Current - Peak (1 µs pulse, 300 pps)
IF(pk)
All
3.0
A
LED Power Dissipation
PD
All
75
mW
Derate Linearly From 25°C
All
1.0
mW/°C
DETECTOR
Continuous Collector Current
IC
All
150
mA
Detector Power Dissipation
PD
All
150
mW
Derate Linearly from 25°C
All
2.0
mW/°C
SCHEMATIC
6
1
6
1
6
1
1
2
6
5 COL
4 EMITTER
BASE
ANODE
CATHODE
3


Similar Part No. - MCT5211

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT5211 QT-MCT5211 Datasheet
553Kb / 6P
   HIGH-PERFORMANCE AIGAAS PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
MCT5211 SIEMENS-MCT5211 Datasheet
70Kb / 3P
   AlGaAs LED/ Phototransistor Optocoupler
logo
Vishay Siliconix
MCT5211 VISHAY-MCT5211 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
MCT5211-X007 VISHAY-MCT5211-X007 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
MCT5211-X009 VISHAY-MCT5211-X009 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
More results

Similar Description - MCT5211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com