Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1-42535RS-SMT Datasheet(PDF) 3 Page - CUI INC

Part # SJ1-42535RS-SMT
Description  2.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-42535RS-SMT Datasheet(HTML) 3 Page - CUI INC

  SJ1-42535RS-SMT Datasheet HTML 1Page - CUI INC SJ1-42535RS-SMT Datasheet HTML 2Page - CUI INC SJ1-42535RS-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CUI Inc
│ SERIES: SJ1-4253X-SMT │ DESCRIPTION: 2.5 MM AUDIO JACKS
date
11/01/2012 │ page 3 of 3
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
05/01/2006
1.01
new template applied
01/27/2012
1.02
added TR package option
11/01/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
150
50
270
260
250
240
217
180
120
60
70
140
250
340
380
430
60
120
180
240
300
360
420
480
°C
Time (second)
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
see reflow profile
255
260
265
°C


Similar Part No. - SJ1-42535RS-SMT

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ1-42535TS-SMT-TR CUID-SJ1-42535TS-SMT-TR Datasheet
457Kb / 4P
   AUDIO JACK
11/21/2022
More results

Similar Description - SJ1-42535RS-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-4251X-SMT CUI-SJ1-4251X-SMT Datasheet
185Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT Datasheet
168Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com