Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1563626 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # 1563626
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

1563626 Datasheet(HTML) 5 Page - YAGEO Corporation

  1563626 Datasheet HTML 1Page - YAGEO Corporation 1563626 Datasheet HTML 2Page - YAGEO Corporation 1563626 Datasheet HTML 3Page - YAGEO Corporation 1563626 Datasheet HTML 4Page - YAGEO Corporation 1563626 Datasheet HTML 5Page - YAGEO Corporation 1563626 Datasheet HTML 6Page - YAGEO Corporation 1563626 Datasheet HTML 7Page - YAGEO Corporation 1563626 Datasheet HTML 8Page - YAGEO Corporation 1563626 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May 02, 2011 V.8
Product specification
5
9
SERIES
RC
0201
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
RC0201 1/20 W
Operating Temperature Range
–55 °C to +125 °C
Maximum Working Voltage
25 V
Maximum Overload Voltage
50 V
Dielectric Withstanding Voltage
50 V
5% (E24) 1 Ω to 10 MΩ
1% (E24/E96) 1 Ω to 10 MΩ
0.5% (E24/E96) 10 Ω to 1 MΩ
Resistance Range
Jumper < 0.05 Ω
1 Ω ≤ R ≤ 10 Ω -100/+350 ppm/°C
Temperature Coefficient
10 Ω < R ≤ 10 MΩ
±200 ppm/°C
Rated Current
0.5 A
Jumper Criteria
Maximum Current
1.0 A
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please refer to
data sheet “Chip resistors
mounting”.
Table 2
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
RC0201
Paper / PE Taping Reel (R)
7" (178 mm)
10,000/15,000/20,000 units
13" (330 mm)
50,000 units
NOTE
1. For paper/PE tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
2. For size of 0201, standard quantity is 10,000 units per reel.
Table 3 Packing style and packaging quantity
P
handbook, halfpage
MLB206_1
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
125
FUNCTIONAL DESCRIPTION
PPO
OW
WEERR RRA
AT
TIIN
NG
G
RC0201 rated power at 70°C is 1/20 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
Fig. 3 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)


Similar Part No. - 1563626

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15636 ETC-15636 Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
logo
Heyco.
15636 HEYCO-15636 Datasheet
114Kb / 2P
   Nylon Push Screws – HPLP Series
logo
YAGEO Corporation
1563630 YAGEO-1563630 Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
logo
List of Unclassifed Man...
15636B ETC-15636B Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
More results

Similar Description - 1563626

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com