Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX20C Datasheet(PDF) 9 Page - Altera Corporation

Part # EP1AGX20C
Description  This datasheet describes enhanced configuration (EPC) devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX20C Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP1AGX20C Datasheet HTML 5Page - Altera Corporation EP1AGX20C Datasheet HTML 6Page - Altera Corporation EP1AGX20C Datasheet HTML 7Page - Altera Corporation EP1AGX20C Datasheet HTML 8Page - Altera Corporation EP1AGX20C Datasheet HTML 9Page - Altera Corporation EP1AGX20C Datasheet HTML 10Page - Altera Corporation EP1AGX20C Datasheet HTML 11Page - Altera Corporation EP1AGX20C Datasheet HTML 12Page - Altera Corporation EP1AGX20C Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Functional Description
Page 9
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Finally, the configuration controller also manages errors during configuration. A
CONF
_DONE error occurs when the FPGA does not de-assert its CONF_DONE signal within
64 DCLK cycles after the last bit of configuration data is transmitted. When a CONF_DONE
error is detected, the controller pulses the OE line low, which pulls the nSTATUS signal
low and triggers another configuration cycle.
A cyclic redundancy check (CRC) error occurs when the FPGA detects corruption in
the configuration data. This corruption could be a result of noise coupling on the
board such as poor signal integrity on the configuration signals. When this error is
signaled by the FPGA (by driving the nSTATUS signal low), the controller stops
configuration. If the Auto-Restart Configuration After Error option is enabled in the
FPGA, it releases its nSTATUS signal after a reset time-out period and the controller
attempts to reconfigure the FPGA.
After the FPGA configuration process is complete, the controller drives the DCLK pin
low and the DATA[] pins high. Additionally, the controller tri-states its internal
interface to the flash memory, enables the weak internal pull-ups on the flash address
and control lines, and enables bus-keep circuits on flash data lines.
The following sections describe the different configuration schemes supported by the
EPC device—FPP, PS, and concurrent configuration schemes.
f For more information, refer to the configuration chapter in the appropriate device
handbook.
Configuration Signals
Table 4 lists the configuration signal connections between the EPC device and Altera
FPGAs.
Table 4. Configuration Signals
EPC Device Pin
Altera FPGA Pin
Description
DATA[]
DATA[]
Configuration data transmitted from the EPC device to the
FPGA, which is latched on the rising edge of DCLK.
DCLK
DCLK
EPC device generated clock used by the FPGA to latch
configuration data provided on the DATA[] pins.
nINIT_CONF,
which
nCONFIG
Open-drain output from the EPC device that is used to
start FPGA reconfiguration using the initiate configuration
(INIT_CONF) JTAG instruction. This connection is not
needed if the INIT_CONF JTAG instruction is not needed.
If nINIT_CONF is not connected to nCONFIG, nCONFIG
must be tied to VCC either directly or through a pull-up
resistor.
OE
nSTATUS
Open-drain bidirectional configuration status signal,
which is driven low by either the EPC device or FPGA
during POR and to signal an error during configuration.
Low pulse on OE resets the EPC device controller.
nCS
CONF_DONE
Configuration done output signal driven by the FPGA.


Similar Part No. - EP1AGX20C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX20C ALTERA-EP1AGX20C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX20CF1152C6N ALTERA-EP1AGX20CF1152C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
More results

Similar Description - EP1AGX20C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPCQ256SI16N ALTERA-EPCQ256SI16N Datasheet
1Mb / 42P
   Quad-Serial Configuration (EPCQ) Devices Datasheet
logo
STMicroelectronics
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
   This document describes
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
   This document describes
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
logo
STMicroelectronics
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
   This document describes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com