Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1206JR-071R Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RC1206JR-071R
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC1206JR-071R Datasheet(HTML) 5 Page - YAGEO Corporation

  RC1206JR-071R Datasheet HTML 1Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 2Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 3Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 4Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 5Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 6Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 7Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 8Page - YAGEO Corporation RC1206JR-071R Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jul 02, 2009 V.4
Product specification
5
9
SERIES
RC
1206 (RoHS Compliant)
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
RC1206 1/4 W
Operating Temperature Range
–55 °C to +155 °C
Maximum Working Voltage
200 V
Maximum Overload Voltage
400 V
Dielectric Withstanding Voltage
500 V
5% (E24) 1 Ω to 22 MΩ
1% (E24/E96) 1 Ω to 10 MΩ
Resistance Range
Zero Ohm Jumper < 0.05 Ω
1 Ω ≤ R ≤ 10 Ω
10 MΩ < R ≤ 22 MΩ
±200 ppm/°C
±200 ppm/°C
Temperature Coefficient
10 Ω < R ≤ 10 MΩ
±100 ppm/°C
Rated Current
2 A
Jumper Criteria
Maximum Current
10 A
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please see the
special data sheet “Chip resistors
mounting”.
Table 2
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
RC1206
Paper Taping Reel (R)
7" (178 mm)
5,000 units
10" (254 mm)
10,000 units
13" (330 mm)
20,000 units
NOTE
1. For paper tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”
Table 3 Packing style and packaging quantity
MLB206_2
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
155
P
handbook, halfpage
FUNCTIONAL DESCRIPTION
PPO
OW
WEERR RRA
AT
TIIN
NG
G
RC1206 rated power at 70°C is 1/4 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
Fig. 4 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)


Similar Part No. - RC1206JR-071R

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
RC1206JR-07100RL DIALOG-RC1206JR-07100RL Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
RC1206JR-0710KL DIALOG-RC1206JR-0710KL Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
logo
YAGEO Corporation
RC1206JR-0710ML YAGEO-RC1206JR-0710ML Datasheet
301Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC1206JR-0710RL ETC2-RC1206JR-0710RL Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lesd-free terminations made by thick film process
logo
YAGEO Corporation
RC1206JR-0710RL YAGEO-RC1206JR-0710RL Datasheet
301Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC1206JR-071R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com