Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

431315300245 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # 431315300245
Description  HIGH FREQUENCY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

431315300245 Datasheet(HTML) 2 Page - YAGEO Corporation

  431315300245 Datasheet HTML 1Page - YAGEO Corporation 431315300245 Datasheet HTML 2Page - YAGEO Corporation 431315300245 Datasheet HTML 3Page - YAGEO Corporation 431315300245 Datasheet HTML 4Page - YAGEO Corporation 431315300245 Datasheet HTML 5Page - YAGEO Corporation 431315300245 Datasheet HTML 6Page - YAGEO Corporation 431315300245 Datasheet HTML 7Page - YAGEO Corporation 431315300245 Datasheet HTML 8Page - YAGEO Corporation 431315300245 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Phycomp
Product specification
High Frequency
SMD type antennas
for BT/802.11b/g application 2.45 GHz size 5.3
× 2.0
2004 Oct 12 Rev.4
2
www.yageo.com
FEATURES
• Designed for 2.45 GHz ISM-band
• Simplifies antenna circuitry
• NiSn lead-free terminations
• Suitable for wave and reflow soldering
• Supplied in tape on reel.
APPLICATIONS
• Telecommunications
• Computing (PCs, printers, PDAs)
• Wireless office data communications including WLAN
• Consumer electronics (wireless headphones).
DESCRIPTION
This 2.45 GHz ceramic multilayer antenna has been
designed to meet the requirements of the BluetoothTM(1)
and IEEE 802.11b/g wireless communications protocol. It
consists of a rectangular block of low-dielectric ceramic
material and is fabricated in a water-based non-toxic
process. The antenna is capable of providing good
connectivity using near 50
Ω microstrip directly onto the
PC board.
Notes
1.
Bluetooth is a trademark owned by
Telefonieaktiebolaget L M Ericsson, Sweden.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Centre frequency
2.45 GHz
0 type/01type/02 type/03 type/Default/04 type/05 type
Bandwidth
>100 MHz
Gain
4 dBi max. (depends on the special environment)
VSWR
2.5 max. (depends on the special environment)
Polarization
Linear
Azimuth beam width
Omni-directional
Impedance
50
Power dissipation
1 W
Operating temperature
−55 to +85 °C
Terminations
NiSn
Resistance to soldering heat
260
°C for 10 seconds


Similar Part No. - 431315300245

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431311100245 ETC1-431311100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100245 ETC2-431311100245 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC1-431311100260 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC2-431311100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100270 ETC1-431311100270 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431315300245

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
logo
Silicon Laboratories
SI5344H-42H SILABS-SI5344H-42H Datasheet
1Mb / 56P
   HIGH-FREQUENCY,
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com