Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0201FR-079R76 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RC0201FR-079R76
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201FR-079R76 Datasheet(HTML) 8 Page - YAGEO Corporation

  RC0201FR-079R76 Datasheet HTML 1Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 2Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 3Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 4Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 5Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 6Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 7Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 8Page - YAGEO Corporation RC0201FR-079R76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May 02, 2011 V.8
Product specification
8
9
SERIES
RC
0201
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Humidity
IEC 60115-1 4.21
Steady state for 1000 hours at 40 °C / 95%
R.H. RCWV applied for 1.5 hours on and
0.5 hour off
±(1.0%+0.05 Ω)
for 1%, 0.5% tol.
±(2.0%+0.05 Ω)
for 5% tol.
<100 mΩ for Jumper
Intermittent
Overload
IEC 60115-1 4.39
2.5 times of rated voltage or maximum
overload voltage whichever is less for 1 second
on and 25 seconds off; total 10,000 cycles
±(1.0%+0.05 Ω)
for 1%, 0.5% tol.
±(2.0%+0.05 Ω)
for 5% tol.
<100 mΩ for Jumper
Solderability
- Wetting
IPC/JEDEC J-STD-002B test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: lead-free solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDEC J-STD-002B test D
Lead-free solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60068-2-58
Condition B, no pre-heat of samples
Lead-free solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(0.5%+0.05 Ω)
for 1%, 0.5% tol.
±(1.0%+0.05 Ω)
for 5% tol.
<50 mΩ for Jumper
No visible damage


Similar Part No. - RC0201FR-079R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201FR-0797R6L YAGEO-RC0201FR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0797R6P YAGEO-RC0201FR-0797R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
RC0201FR-079K76L YAGEO-RC0201FR-079K76L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-079K76P YAGEO-RC0201FR-079K76P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC0201FR-079R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com