Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D53TP25D Datasheet(PDF) 2 Page - Crydom Inc.,

Part # D53TP25D
Description  panel mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D53TP25D Datasheet(HTML) 2 Page - Crydom Inc.,

  D53TP25D Datasheet HTML 1Page - Crydom Inc., D53TP25D Datasheet HTML 2Page - Crydom Inc., D53TP25D Datasheet HTML 3Page - Crydom Inc., D53TP25D Datasheet HTML 4Page - Crydom Inc., D53TP25D Datasheet HTML 5Page - Crydom Inc., D53TP25D Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS (1)
Description
D53
A53
Control Voltage Range
4-32 VDC
90-280 Vrms
Minimum Turn-On Voltage
4.0 VDC
90 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
Minimum Input Current (for on-state)
19 mA @ 4V
2.2 mA @ 120V
Maximum Input Current
25 mA @ 32V
10mA @ 240V
Nominal Input Impedance
Current Limiter
Current Limiter
Maximum Turn-On Time [msec] (5)
1/2 Cycle
50
Maximum Turn-Off Time [msec]
1/2 Cycle
50
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
10.3 oz (315g)
Encapsulation
Thermally conductive Epoxy
Terminals
Nickel plated Brass
Screws and Saddle clamps
Zinc plated Steel
Input Terminal Screw Torque Range:[in lbs/Nm]
8-10 / 0.9-1.1
Output Terminal Screw Torque Range:[in lbs/Nm]
15-20 / 1.7-2.2
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Relay will self trigger between 900-1200 Vpk.
3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
4) Heat sinking required, see page 4 for derating curves.
5) Turn-on time for Random turn-on versions is 0.02 msec (DC Control Models)


Similar Part No. - D53TP25D

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D53TP25D CRYDOM-D53TP25D Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D53TP25D CRYDOM-D53TP25D Datasheet
679Kb / 6P
   53TP Series IP00
logo
Sensata Technologies, I...
D53TP25D SENSATA-D53TP25D Datasheet
328Kb / 5P
   PANEL MOUNT
logo
Crydom Inc.,
D53TP25D-10 CRYDOM-D53TP25D-10 Datasheet
679Kb / 6P
   53TP Series IP00
More results

Similar Description - D53TP25D

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com