Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR0805GRF7W0R05 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # PR0805GRF7W0R05
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PR0805GRF7W0R05 Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button PR0805GRF7W0R05 Datasheet HTML 2Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 3Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 4Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 5Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 6Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 7Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 8Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 9Page - YAGEO Corporation PR0805GRF7W0R05 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
7
10
SERIES
PR/PF/PH
0805/1206/2512/0815
MRA632
70
100
55
50
Tamb (°C)
(%Prated)
0
0
50
100
155
Pmax
Fig. 6 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
Range: –55°C to +155°C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Standard rated power at 70°C:
PF0805 = 1/8W
PH0805 = 1/2W
PF1206 = 1/4W
PH1206 = 1W
PF0815 = 1/2W
PF2512 = 1W
PR2512 = 1W
For detail power value, please refer to Table 2.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V = √(P X R)
Where
V = Continuous rated DC or
AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (X)


Similar Part No. - PR0805GRF7W0R05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR08-1.5DN ETC2-PR08-1.5DN Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
PR08-1.5DN2 ETC2-PR08-1.5DN2 Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
PR08-1.5DP ETC2-PR08-1.5DP Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
PR08-1.5DP2 ETC2-PR08-1.5DP2 Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
PR08-2DN ETC2-PR08-2DN Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
More results

Similar Description - PR0805GRF7W0R05

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com