Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR1206GRF7W0R05 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # PR1206GRF7W0R05
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PR1206GRF7W0R05 Datasheet(HTML) 5 Page - YAGEO Corporation

  PR1206GRF7W0R05 Datasheet HTML 1Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 2Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 3Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 4Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 5Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 6Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 7Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 8Page - YAGEO Corporation PR1206GRF7W0R05 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
5
10
SERIES
PR/PF/PH
0805/1206/2512/0815
CONSTRUCTION
The resistors are constructed using outstanding TCR level material, which makes Yageo PR/PF/PH resistors
excellent for current sensing application in battery charger circuit & DC-DC converter.
The composition of the resistive material is adjusted to give the approximate required resistance and is
covered with a protective coating, which printed with the resistance value.
Finally, the three external terminations (Cu / Ni / matte Tin) are added, as shown in Fig. 4.
H
W
I1
protective coat
marking
L
I2
end termination
metal substrate
protective coat
end termination
001
I1
I2
H
W
marking layer
protective coat
inner electrode
protective coat
resistive layer
(metal foil)
ceramic substrate
L
0 0
end termination
I1
I2
W
H
L
YNSC105
marking layer
protective coat
inner electrode
protective coat
resistive layer (metal foil)
ceramic substrate
Fig. 5 Chip resistor outlines
O
Ou
uttlliin
neess
For dimensions, please refer to Table 1
PR series
PF / PH series
Note: construction will be adjusted to
resistance value (only for PF series).
PF 0815 series
TYPE
RESISTANCE RANGE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
PF/PH0805
0.01 to 0.05 Ω
2.03 ±0.25
1.27 ±0.25
0.33 ±0.12
0.38 ±0.25
0.38 ±0.25
PF/PH1206
0.01 to 0.05 Ω
3.20 ±0.25
1.60 ±0.25
0.60 ±0.25
0.50 ±0.25
0.65 ±0.25
PF0815
0.01 to 0.02 Ω
2.15 ±0.20
3.75 ±0.25
0.65 ±0.25
0.65 ±0.25
0.70 ±0.25
0.006 Ω
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
0.75 ±0.25
1.85 ±0.25
0.007 to 0.015 Ω
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
0.75 ±0.25
1.55 ±0.25
0.02 to 0.05 Ω (1W)
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
1.30 ±0.25
0.75 ±0.25
PF2512
0.02 to 0.05 Ω (2W)
6.45 ±0.25
3.25 ±0.25
0.70 ±0.25
0.75 ±0.25
1.30 ±0.25
0.001 to 0.002 Ω
6.40 ±0.20
3.20 ±0.20
0.75 ±0.15
1.20 ±0.20
1.20 ±0.20
PR2512
0.003 to 0.005 Ω
6.40 ±0.20
3.20 ±0.20
0.55 ±0.15
0.60 ±0.20
0.60 ±0.20
Table 1 For outlines, please refer to Fig. 5
DIMENSION


Similar Part No. - PR1206GRF7W0R05

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1200 GOOD-ARK-PR1200 Datasheet
49Kb / 2P
   PHOTOFLASH RECTIFIER
logo
MIC GROUP RECTIFIERS
PR1200 MIC-PR1200 Datasheet
142Kb / 2P
   PHOTOFLASH RECTIFIER
logo
Shenzhen Luguang Electr...
PR1200 LUGUANG-PR1200 Datasheet
60Kb / 2P
   PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1200FPT CHENMKO-PR1200FPT Datasheet
77Kb / 2P
   PHOTOFLASH RECTIFIER
PR1200PT CHENMKO-PR1200PT Datasheet
75Kb / 2P
   PHOTOFLASH RECTIFIER
More results

Similar Description - PR1206GRF7W0R05

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com