Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR20FM-12LBBB0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR20FM-12LBBB0
Description  600V - 20A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR20FM-12LBBB0 Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR20FM-12LBBB0 Datasheet HTML 1Page - Renesas Technology Corp BCR20FM-12LBBB0 Datasheet HTML 2Page - Renesas Technology Corp BCR20FM-12LBBB0 Datasheet HTML 3Page - Renesas Technology Corp BCR20FM-12LBBB0 Datasheet HTML 4Page - Renesas Technology Corp BCR20FM-12LBBB0 Datasheet HTML 5Page - Renesas Technology Corp BCR20FM-12LBBB0 Datasheet HTML 6Page - Renesas Technology Corp BCR20FM-12LBBB0 Datasheet HTML 7Page - Renesas Technology Corp BCR20FM-12LBBB0 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR20FM-12LB
Preliminary
R07DS0889EJ0100 Rev.1.00
Page 7 of 7
Oct 29, 2012
Package Dimensions
5.08
± 0.20
3.18 ± 0.10
0.80
± 0.20
1.28 ± 0.30
2.76 ± 0.20
0.50
2.54
± 0.20
Max 1.47
10.16
± 0.20
Unit: mm
1.9g
MASS[Typ.]
PRSS0003AG-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-220FP
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
BCR20FM-12LB#BB0
Tube
50 pcs.
Straight type
BCR20FM-12LB-1#BB0
Tube
50 pcs.
Straight type, IGT item:1
BCR20FM-12LBA8#BB0
Tube
50 pcs.
A8 Lead form
BCR20FM12LB1A8#BB0
Tube
50 pcs.
A8 Lead form, IGT item:1
Note:
Please confirm the specification about the shipping in detail.


Similar Part No. - BCR20FM-12LBBB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20FM-12LB RENESAS-BCR20FM-12LB_15 Datasheet
113Kb / 8P
   600V - 20A - Triac Medium Power Use
More results

Similar Description - BCR20FM-12LBBB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20CM-12LB RENESAS-BCR20CM-12LB_15 Datasheet
202Kb / 8P
   600V - 20A - Triac Medium Power Use
BCR20FM-12LB RENESAS-BCR20FM-12LB_15 Datasheet
113Kb / 8P
   600V - 20A - Triac Medium Power Use
BCR20CM-12LB RENESAS-BCR20CM-12LB Datasheet
478Kb / 9P
   600V - 20A - Triac Medium Power Use
Sep. 11, 2018
BCR20PM-14LJ RENESAS-BCR20PM-14LJ_15 Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB Datasheet
508Kb / 9P
   800V - 20A - Triac Medium Power Use
Feb. 1, 2019
BCR20CM-16LB RENESAS-BCR20CM-16LB_15 Datasheet
141Kb / 9P
   800V - 20A - Triac Medium Power Use
BCR20FM-14RA RENESAS-BCR20FM-14RA Datasheet
468Kb / 7P
   700V - 20A - Triac Medium Power Use
Oct. 10, 2019
BCR20PM-14LJ RENESAS-BCR20PM-14LJ Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com