Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX130G Datasheet(PDF) 1 Page - Altera Corporation

Part # EP2SGX130G
Description  This datasheet describes enhanced configuration (EPC) devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX130G Datasheet(HTML) 1 Page - Altera Corporation

  EP2SGX130G Datasheet HTML 1Page - Altera Corporation EP2SGX130G Datasheet HTML 2Page - Altera Corporation EP2SGX130G Datasheet HTML 3Page - Altera Corporation EP2SGX130G Datasheet HTML 4Page - Altera Corporation EP2SGX130G Datasheet HTML 5Page - Altera Corporation EP2SGX130G Datasheet HTML 6Page - Altera Corporation EP2SGX130G Datasheet HTML 7Page - Altera Corporation EP2SGX130G Datasheet HTML 8Page - Altera Corporation EP2SGX130G Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
January 2012
Altera Corporation
CF52002-3.0
Datasheet
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS,
QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark
Office and in other countries. All other words and logos identified as trademarks or service marks are the property of their
respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor
products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any
products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use
of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are
advised to obtain the latest version of device specifications before relying on any published information and before placing orders
for products or services.
101 Innovation Drive
San Jose, CA 95134
www.altera.com
Subscribe
ISO
9001:2008
Registered
Enhanced Configuration (EPC) Devices
Datasheet
This datasheet describes enhanced configuration (EPC) devices.
Supported Devices
Table 1 lists the supported AlteraEPC devices.
Features
EPC devices offer the following features:
Single-chip configuration solution for Altera ACEX1K, APEX20K (including
APEX 20K, APEX 20KC, and APEX 20KE), APEX II, ArriaGX, Cyclone,
Cyclone II, FLEX10K (including FLEX 10KE and FLEX 10KA), Mercury,
StratixII, and Stratix II GX devices
Contains 4-, 8-, and 16-Mb flash memories for configuration data storage
On-chip decompression feature almost doubles the effective configuration
density
Standard flash die and a controller die combined into single stacked chip package
External flash interface supports parallel programming of flash and external
processor access to unused portions of memory
Flash memory block or sector protection capability using the external flash
interface
Supported in EPC4 and EPC16 devices
Page mode support for remote and local reconfiguration with up to eight
configurations for the entire system
Compatible with Stratix series remote system configuration feature
Supports byte-wide configuration mode fast passive parallel (FPP) with an 8-bit
data output per DCLK cycle
Supports true n-bit concurrent configuration (n = 1, 2, 4, and 8) of Altera FPGAs
Table 1. Altera EPC Devices
Device
Memory Size
(bits)
On-Chip
Decompression
Support
ISP Support
Cascading
Support
Reprogrammable
Recommended
Operating
Voltage (V)
EPC4
4,194,304
Yes
Yes
No
Yes
3.3
EPC8
8,388,608
Yes
Yes
No
Yes
3.3
EPC16
16,777,216
Yes
Yes
No
Yes
3.3


Similar Part No. - EP2SGX130G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX130G ALTERA-EP2SGX130G Datasheet
3Mb / 314P
   Stratix II GX Device
EP2SGX130G ALTERA-EP2SGX130G Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2SGX130G ALTERA-EP2SGX130G Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2SGX130G ALTERA-EP2SGX130G Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130G ALTERA-EP2SGX130G Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results

Similar Description - EP2SGX130G

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPCQ256SI16N ALTERA-EPCQ256SI16N Datasheet
1Mb / 42P
   Quad-Serial Configuration (EPCQ) Devices Datasheet
logo
STMicroelectronics
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
   This document describes
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
   This document describes
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
logo
STMicroelectronics
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
   This document describes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com