Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR20FM12LB1A8BB0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR20FM12LB1A8BB0
Description  600V - 20A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR20FM12LB1A8BB0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR20FM12LB1A8BB0 Datasheet HTML 1Page - Renesas Technology Corp BCR20FM12LB1A8BB0 Datasheet HTML 2Page - Renesas Technology Corp BCR20FM12LB1A8BB0 Datasheet HTML 3Page - Renesas Technology Corp BCR20FM12LB1A8BB0 Datasheet HTML 4Page - Renesas Technology Corp BCR20FM12LB1A8BB0 Datasheet HTML 5Page - Renesas Technology Corp BCR20FM12LB1A8BB0 Datasheet HTML 6Page - Renesas Technology Corp BCR20FM12LB1A8BB0 Datasheet HTML 7Page - Renesas Technology Corp BCR20FM12LB1A8BB0 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCR20FM-12LB
Preliminary
R07DS0889EJ0100 Rev.1.00
Page 5 of 7
Oct 29, 2012
101
330
102
101
102
103
104
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=125°C)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=150°C)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
0
20
40
80
60
100
120
140
160
0
20
40
80
60
100
120
160
140
0
20
40
80
60
100
120
160
140
Typical Example
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Typical Example
Tj = 150°C
III Quadrant
I Quadrant
102
103
100
101
102
101
330
102
103
104
101
–400
40
80
120
160
–400
40
80
120
160
Distribution
T2+, G–
Typical Example
Commutation Characteristics (Tj=125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
101
102
100
101
102
100
I Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
I Quadrant
III Quadrant
Minimum
Characteristics
Value
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 125°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
Minimum
Characteristics
Value
III Quadrant
T2+, G+
T2–, G–
Typical Example


Similar Part No. - BCR20FM12LB1A8BB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20FM-12LB RENESAS-BCR20FM-12LB_15 Datasheet
113Kb / 8P
   600V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJA8BB0 RENESAS-BCR20FM-14LJA8BB0 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJBB0 RENESAS-BCR20FM-14LJBB0 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
More results

Similar Description - BCR20FM12LB1A8BB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20CM-12LB RENESAS-BCR20CM-12LB_15 Datasheet
202Kb / 8P
   600V - 20A - Triac Medium Power Use
BCR20FM-12LB RENESAS-BCR20FM-12LB_15 Datasheet
113Kb / 8P
   600V - 20A - Triac Medium Power Use
BCR20CM-12LB RENESAS-BCR20CM-12LB Datasheet
478Kb / 9P
   600V - 20A - Triac Medium Power Use
Sep. 11, 2018
BCR20PM-14LJ RENESAS-BCR20PM-14LJ_15 Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB Datasheet
508Kb / 9P
   800V - 20A - Triac Medium Power Use
Feb. 1, 2019
BCR20CM-16LB RENESAS-BCR20CM-16LB_15 Datasheet
141Kb / 9P
   800V - 20A - Triac Medium Power Use
BCR20FM-14RA RENESAS-BCR20FM-14RA Datasheet
468Kb / 7P
   700V - 20A - Triac Medium Power Use
Oct. 10, 2019
BCR20PM-14LJ RENESAS-BCR20PM-14LJ Datasheet
108Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com