Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D53TP50C Datasheet(PDF) 1 Page - Crydom Inc.,

Part # D53TP50C
Description  panel mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D53TP50C Datasheet(HTML) 1 Page - Crydom Inc.,

  D53TP50C Datasheet HTML 1Page - Crydom Inc., D53TP50C Datasheet HTML 2Page - Crydom Inc., D53TP50C Datasheet HTML 3Page - Crydom Inc., D53TP50C Datasheet HTML 4Page - Crydom Inc., D53TP50C Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
53TP Series IP20
• Three-phase solid-state relay; Ratings 25A , 50A per phase @ 48-530 VAC
• 2 package styles IP20 or IP00 (See IP00 spec sheet for more information)
• SCR output for heavy industrial loads
• AC or DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
• LED input status indicator
• Transient protection built in
PRODUCT SELECTION
Control Voltage
25A
50A
90-140 VAC
B53TP25C
B53TP50C
180-280 VAC
C53TP25C
C53TP50C
4-32 VDC
D53TP25C
D53TP50C
18-36 VAC
E53TP25C
E53TP50C
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
25 A
50 A
Operating Voltage (47-63Hz) [Vrms]
48-530
48-530
Transient Overvoltage [Vpk]
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
3
3
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
Maximum Load Current per phase [Arms] (3)
25
50
Minimum Load Current per phase [Arms]
0.1
0.1
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
275-300
710-750
Maximum 1 Second Surge Current 50/60 Hz [Apk]
85
150
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.35
1.35
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.24
0.12
Maximum 1/2 Cycle I²t for Fusing (50/60 Hz) [A² sec]
380-370
2520-2320
Minimum Power Factor (with Maximum Load)
0.5
0.5
UL/IEC 60947 Motor Control Ratings at 120V [HP/KW] (4)
0.75/0.56
1.5/1.11
UL/IEC 60947 Motor Control Ratings at 240V [HP/KW] (4)
1/0.74
3/2.22
UL/IEC 60947 Motor Control Ratings at 380V [HP/KW] (4)
2/1.48
5/3.7
UL/IEC 60947 Motor Control Ratings at 480V [HP/KW] (4)
3/2.22
7.5/5.55


Similar Part No. - D53TP50C

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D53TP50C CRYDOM-D53TP50C Datasheet
678Kb / 5P
   PANEL MOUNT
D53TP50CH-10 CRYDOM-D53TP50CH-10 Datasheet
587Kb / 5P
   53TP Series IP20
More results

Similar Description - D53TP50C

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com