Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K250A Datasheet(PDF) 7 Page - Altera Corporation

Part # EPF10K250A
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K250A Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPF10K250A Datasheet HTML 3Page - Altera Corporation EPF10K250A Datasheet HTML 4Page - Altera Corporation EPF10K250A Datasheet HTML 5Page - Altera Corporation EPF10K250A Datasheet HTML 6Page - Altera Corporation EPF10K250A Datasheet HTML 7Page - Altera Corporation EPF10K250A Datasheet HTML 8Page - Altera Corporation EPF10K250A Datasheet HTML 9Page - Altera Corporation EPF10K250A Datasheet HTML 10Page - Altera Corporation EPF10K250A Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Altera Corporation
7
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
f For more information, see the following documents:
Configuration Devices for APEX & FLEX Devices Data Sheet
BitBlaster Serial Download Cable Data Sheet
ByteBlasterMV Parallel Port Download Cable Data Sheet
Application Note 116 (Configuring APEX 20K, FLEX 10K & FLEX 6000
Devices)
FLEX 10K devices are supported by Altera development systems; single,
integrated packages that offer schematic, text (including AHDL), and
waveform design entry, compilation and logic synthesis, full simulation
and worst-case timing analysis, and device configuration. The Altera
software provides EDIF 2 0 0 and 3 0 0, LPM, VHDL, Verilog HDL, and
other interfaces for additional design entry and simulation support from
other industry-standard PC- and UNIX workstation-based EDA tools.
The Altera software works easily with common gate array EDA tools for
synthesis and simulation. For example, the Altera software can generate
Verilog HDL files for simulation with tools such as Cadence Verilog-XL.
Additionally, the Altera software contains EDA libraries that use device-
specific features such as carry chains which are used for fast counter and
arithmetic functions. For instance, the Synopsys Design Compiler library
supplied with the Altera development systems include DesignWare
functions that are optimized for the FLEX 10K architecture.
The Altera development systems run on Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800 workstations.
f See the MAX+PLUS II Programmable Logic Development System & Software
Data Sheet for more information.
Functional
Description
Each FLEX 10K device contains an embedded array to implement
memory and specialized logic functions, and a logic array to implement
general logic.
The embedded array consists of a series of EABs. When implementing
memory functions, each EAB provides 2,048 bits, which can be used to
create RAM, ROM, dual-port RAM, or first-in first-out (FIFO) functions.
When implementing logic, each EAB can contribute 100 to 600 gates
towards complex logic functions, such as multipliers, microcontrollers,
state machines, and DSP functions. EABs can be used independently, or
multiple EABs can be combined to implement larger functions.


Similar Part No. - EPF10K250A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K250A ALTERA-EPF10K250A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K250A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com