Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR825TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR825TRPBF
Description  ZERO VOLTAGE SWITCHING SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR825TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFR825TRPBF Datasheet HTML 1Page - International Rectifier IRFR825TRPBF Datasheet HTML 2Page - International Rectifier IRFR825TRPBF Datasheet HTML 3Page - International Rectifier IRFR825TRPBF Datasheet HTML 4Page - International Rectifier IRFR825TRPBF Datasheet HTML 5Page - International Rectifier IRFR825TRPBF Datasheet HTML 6Page - International Rectifier IRFR825TRPBF Datasheet HTML 7Page - International Rectifier IRFR825TRPBF Datasheet HTML 8Page - International Rectifier IRFR825TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFR825TRPbF
2
www.irf.com
 Repetitive rating; pulse width limited by max.
junction temperature. (See Fig. 11)
‚ Starting TJ = 25°C, L = 40mH, RG = 25Ω,IAS = 3.0A.
(See Figure 13).
ƒ ISD = 6.0A, di/dt ≤ 416A/μs, VDDV(BR)DSS,TJ ≤ 150°C.
„ Pulse width ≤ 300μs; duty cycle ≤ 2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging timeas
Coss while VDS is rising from 0 to 80% VDSS. Coss eff.(ER) is a fixed
capacitance that stores the same energy as Coss while VDS is rising
from 0 to 80% VDSS.
† Rθ is measured at TJ approximately 90°C
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For
recommended footprint and soldering techniquea refer to applocation
note # AN- 994 echniques refer to application note #AN-994.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.33
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.05
1.3
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
25
μA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
7.5
–––
–––
S
Qg
Total Gate Charge
–––
–––
34
Qgs
Gate-to-Source Charge
–––
–––
11
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
14
td(on)
Turn-On Delay Time
–––
8.5
–––
tr
Rise Time
–––
25
–––
ns
td(off)
Turn-Off Delay Time
–––
30
–––
tf
Fall Time
–––
20
–––
Ciss
Input Capacitance
–––
1346
–––
Coss
Output Capacitance
–––
76
–––
Crss
Reverse Transfer Capacitance
–––
15
–––
Coss
Output Capacitance
–––
1231
–––
pF
Coss
Output Capacitance
–––
25
–––
Coss eff.
Effective Output Capacitance
–––
51
–––
Coss eff. (ER)
Effective Output Capacitance
(Energy Related)
Avalanche Characteristics
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Parameter
Typ.
Units
RθJC
Junction-to-Case
h
–––
RθJA
Junction-to-Ambient (PCB Mount)
i
–––
°C/W
RθJA
Junction-to-Ambient
–––
VDS = VGS, ID = 250μA
VDS = 500V, VGS = 0V
VDS = 400V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 3.7A f
VGS = 20V
Conditions
VDS = 50V, ID = 3.7A
VGS = -20V
ID = 6.0A
VDS = 400V
VGS = 10V, See Fig.14a &14b f
VDD = 250V
ID = 6.0A
RG =7.5
Ω
VGS = 10V, See Fig. 15a & 15b f
VGS = 0V
VDS = 25V
ƒ = 1.0KHz, See Fig. 5
3
11.9
Max.
178
VGS = 0V,VDS = 0V to 400V g
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
110
Max.
1.05
50
–––
43
–––
nA


Similar Part No. - IRFR825TRPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFR825TR ISC-IRFR825TR Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFR825TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR812TRPBF IRF-IRFR812TRPBF Datasheet
228Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
IRFB812PBF IRF-IRFB812PBF_15 Datasheet
259Kb / 8P
   ZERO VOLTAGE SWITCHING SMPS
IRFR812PBF IRF-IRFR812PBF_15 Datasheet
228Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
IRFR825PBF IRF-IRFR825PBF_15 Datasheet
216Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
logo
Kersemi Electronic Co.,...
IRFR825 KERSEMI-IRFR825 Datasheet
950Kb / 9P
   Zero Voltage Switiching SMPS
logo
NXP Semiconductors
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com