Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR30FM-8LBBB0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR30FM-8LBBB0
Description  400V - 30A - Triac Medium Power Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR30FM-8LBBB0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR30FM-8LBBB0 Datasheet HTML 1Page - Renesas Technology Corp BCR30FM-8LBBB0 Datasheet HTML 2Page - Renesas Technology Corp BCR30FM-8LBBB0 Datasheet HTML 3Page - Renesas Technology Corp BCR30FM-8LBBB0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCR30FM-8LB
Preliminary
R07DS0965EJ0001 Rev.0.01
Page 2 of 3
Nov 28, 2012
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
3.0
mA
Tj = 125
C, V
DRM applied
5.0
mA
Tj = 150
C, V
DRM applied
On-state voltage
VTM
1.5
V
Tc = 25
C, I
TM = 45 A,
instantaneous measurement
VFGT
2.0
V

VRGT
2.0
V
Gate trigger voltage
Note2

VRGT
2.0
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
30
mA

IRGT
30
mA
Gate trigger curent
Note2

IRGT
30
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
C, V
D = 1/2 VDRM
0.1
V
Tj = 150
C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
3.0
C/W
Junction to case
Note3
(dv/dt)c
10
V/
s
Tj = 125
C
Critical-rate of rise of off-state
commutation voltage
Note4
1
V/
s
Tj = 150
C
Notes: 1. Gate open.
2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5C/W.
4. Test conditions of the critical-rate of rise of off-state commutation voltage is shown in the table below.
5. Make sure that your finished product containing this device meets your safe isolation requirements.
For safety, it's advisable that heatsink is electrically floating.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
C/150C
2. Rate of decay of on-state commutating current
(di/dt)c = –16 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR30FM-8LBBB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR30FM-8LB RENESAS-BCR30FM-8LB_15 Datasheet
62Kb / 4P
   400V - 30A - Triac Medium Power Use
More results

Similar Description - BCR30FM-8LBBB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR30CM-8LB RENESAS-BCR30CM-8LB Datasheet
307Kb / 8P
   400V-30A-Triac Medium Power Use
BCR30FM-8LB RENESAS-BCR30FM-8LB_15 Datasheet
62Kb / 4P
   400V - 30A - Triac Medium Power Use
BCR30FR-8LB RENESAS-BCR30FR-8LB Datasheet
499Kb / 8P
   400V - 30A - Triac Medium Power Use
Oct. 10, 2019
BCR30CM-8LB RENESAS-BCR30CM-8LB_15 Datasheet
307Kb / 8P
   400V-30A-Triac Medium Power Use
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com