Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR3410PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR3410PBF
Description  High frequency DC-DC converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3410PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFR3410PBF Datasheet HTML 1Page - International Rectifier IRFR3410PBF Datasheet HTML 2Page - International Rectifier IRFR3410PBF Datasheet HTML 3Page - International Rectifier IRFR3410PBF Datasheet HTML 4Page - International Rectifier IRFR3410PBF Datasheet HTML 5Page - International Rectifier IRFR3410PBF Datasheet HTML 6Page - International Rectifier IRFR3410PBF Datasheet HTML 7Page - International Rectifier IRFR3410PBF Datasheet HTML 8Page - International Rectifier IRFR3410PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-to-Source Voltage
± 20
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
31
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
22
A
IDM
Pulsed Drain Current

125
PD @TC = 25°C
Maximum Power Dissipation
110
W
PD @TA = 25°C
Maximum Power Dissipation
3.0
Linear Derating Factor
0.71
mW°C
dv/dt
Peak Diode Recovery dv/dt
ƒ
15
V/ns
TJ
Operating Junction and
-55 to + 175
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
www.irf.com
1
12/03/04
IRFR3410PbF
IRFU3410PbF
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
100V
39m
31A†
Notes
 through † are on page 10
D-Pak
IRFR3410
I-Pak
IRFU3410
PD - 95514A
l High frequency DC-DC converters
l Lead-Free
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient (PCB mount)*
–––
40
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
Absolute Maximum Ratings


Similar Part No. - IRFR3410PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3410PBF IRF-IRFR3410PBF Datasheet
228Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3410PBF KERSEMI-IRFR3410PBF Datasheet
3Mb / 10P
   High frequency DC-DC converters
IRFR3410PBF KERSEMI-IRFR3410PBF Datasheet
3Mb / 11P
   High frequency DC-DC converters
logo
International Rectifier
IRFR3410PBF IRF-IRFR3410PBF Datasheet
237Kb / 11P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR3410PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com