Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3FM-12LB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR3FM-12LB
Description  600V - 3A - Triac Medium Power Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR3FM-12LB Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR3FM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR3FM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR3FM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR3FM-12LB Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCR3FM-12LB
Preliminary
R07DS0955EJ0001 Rev.0.01
Page 2 of 3
Nov 19, 2012
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 150
C, V
DRM applied
On-state voltage
VTM
1.5
V
Tc = 25
C, I
TM = 4.5 A,
instantaneous measurement
VFGT
1.5
V

VRGT
1.5
V
Gate trigger voltage
Note2

VRGT
1.5
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
20
Note5
mA

IRGT
20
Note5
mA
Gate trigger curent
Note2

IRGT
20
Note5
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
C, V
D = 1/2 VDRM
0.1
V
Tj = 150
C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
4.0
C/W
Junction to case
Note3
(dv/dt)c
5
V/
s
Tj = 125
C
Critical-rate of rise of off-state
commutation voltage
Note4
1
V/
s
Tj = 150
C
Notes: 1. Gate open.
2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5C/W.
4. Test conditions of the critical-rate of rise of off-state commutation voltage is shown in the table below.
5. High sensitivity (IGT  10 mA) is also available (IGT item: 1).
6. Make sure that your finished product containing this device meets your safe isolation requirements.
For safety, it's advisable that heatsink is electrically floating.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125/150
C
2. Rate of decay of on-state commutating current
(di/dt)c = –1.5A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR3FM-12LB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR3FM-12LB ISC-BCR3FM-12LB Datasheet
225Kb / 2P
   isc Triacs
logo
Renesas Technology Corp
BCR3FM-12LB RENESAS-BCR3FM-12LB_15 Datasheet
63Kb / 4P
   600V - 3A - Triac Medium Power Use
More results

Similar Description - BCR3FM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3FM-12RB RENESAS-BCR3FM-12RB_15 Datasheet
71Kb / 4P
   600V - 3A - Triac Medium Power Use
BCR3FM-12LB RENESAS-BCR3FM-12LB_15 Datasheet
63Kb / 4P
   600V - 3A - Triac Medium Power Use
BCR3FM-12RB RENESAS-BCR3FM-12RB Datasheet
59Kb / 4P
   600V - 3A - Triac Medium Power Use
BCR3LM-12RB RENESAS-BCR3LM-12RB Datasheet
101Kb / 8P
   600V - 3A - Triac Low Power Use
BCR3LM-12RB RENESAS-BCR3LM-12RB_15 Datasheet
101Kb / 8P
   600V - 3A - Triac Low Power Use
BCR3FM-14LB RENESAS-BCR3FM-14LB Datasheet
62Kb / 4P
   700V - 3A - Triac Medium Power Use
BCR3FM-14LB RENESAS-BCR3FM-14LB_15 Datasheet
62Kb / 4P
   700V - 3A - Triac Medium Power Use
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
   600V - 16A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com