Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K250A Datasheet(PDF) 1 Page - Altera Corporation

Part # EPF10K250A
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K250A Datasheet(HTML) 1 Page - Altera Corporation

  EPF10K250A Datasheet HTML 1Page - Altera Corporation EPF10K250A Datasheet HTML 2Page - Altera Corporation EPF10K250A Datasheet HTML 3Page - Altera Corporation EPF10K250A Datasheet HTML 4Page - Altera Corporation EPF10K250A Datasheet HTML 5Page - Altera Corporation EPF10K250A Datasheet HTML 6Page - Altera Corporation EPF10K250A Datasheet HTML 7Page - Altera Corporation EPF10K250A Datasheet HTML 8Page - Altera Corporation EPF10K250A Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
Altera Corporation
1
FLEX 10K
Embedded Programmable
Logic Device Family
January 2003, ver. 4.2
Data Sheet
DS-F10K-4.2
®
Includes
FLEX 10KA
Features...
The industry’s first embedded programmable logic device (PLD)
family, providing System-on-a-Programmable-Chip (SOPC)
integration
Embedded array for implementing megafunctions, such as
efficient memory and specialized logic functions
Logic array for general logic functions
High density
10,000 to 250,000 typical gates (see Tables 1 and 2)
Up to 40,960 RAM bits; 2,048 bits per embedded array block
(EAB), all of which can be used without reducing logic capacity
System-level features
MultiVoltTM I/O interface support
5.0-V tolerant input pins in FLEX® 10KA devices
Low power consumption (typical specification less than 0.5 mA
in standby mode for most devices)
FLEX 10K and FLEX 10KA devices support peripheral
component interconnect Special Interest Group (PCI SIG) PCI
Local Bus Specification, Revision 2.2
FLEX 10KA devices include pull-up clamping diode, selectable
on a pin-by-pin basis for 3.3-V PCI compliance
Select FLEX 10KA devices support 5.0-V PCI buses with eight or
fewer loads
Built-in Joint Test Action Group (JTAG) boundary-scan test
(BST) circuitry compliant with IEEE Std. 1149.1-1990, available
without consuming any device logic
Table 1. FLEX 10K Device Features
Feature
EPF10K10
EPF10K10A
EPF10K20
EPF10K30
EPF10K30A
EPF10K40
EPF10K50
EPF10K50V
Typical gates (logic and RAM) (1)
10,000
20,000
30,000
40,000
50,000
Maximum system gates
31,000
63,000
69,000
93,000
116,000
Logic elements (LEs)
576
1,152
1,728
2,304
2,880
Logic array blocks (LABs)
72
144
216
288
360
Embedded array blocks (EABs)
3
6
6
8
10
Total RAM bits
6,144
12,288
12,288
16,384
20,480
Maximum user I/O pins
150
189
246
189
310


Similar Part No. - EPF10K250A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K250A ALTERA-EPF10K250A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K250A ALTERA-EPF10K250A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K250A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com