Electronic Components Datasheet Search |
|
D06D60 Datasheet(PDF) 1 Page - Crydom Inc., |
|
D06D60 Datasheet(HTML) 1 Page - Crydom Inc., |
1 / 4 page D06D Series • MOSFET output • Ratings from 60A to 100A @ 60 VDC • DC control • Relays are easily paralleled for higher-current applications PRODUCT SELECTION Control Voltage 60A 80A 100A 3.5-32 VDC D06D60 D06D80 D06D100 OUTPUT SPECIFICATIONS (1) Description Operating Voltage Range 0-60 VDC 0-60 VDC 0-60 VDC Maximum Off-State Leakage Current @ Rated Voltage [mA] 0.1 0.2 0.3 Maximum On-State Resistance @ Rated Current [RDS-ON][Ohms] 0.010 0.008 0.005 Maximum Load Current (3) [Adc] 60 80 100 Minimum Load Current [mA] 5 5 5 Maximum Surge Current [Adc] (10ms) 180 220 270 Maximum On-State Voltage Drop @ Rated Current [Vdc] 0.6 0.7 0.5 Thermal Resistance Junction to Case (Rjc) [°C/W] 0.6 0.47 0.32 INPUT SPECIFICATIONS (1) Description DC Control Control Voltage Range 3.5-32 VDC Minimum Turn-On Voltage 3.5 VDC Minimum Turn-Off Voltage 1.0 VDC Maximum Input Current 1.6 mA (5 VDC), 28 mA (32 VDC) Nominal Input Impedance See Note 4 Maximum Turn-On Time [μsec] 300 Maximum Turn-Off Time [msec] 1.0 GENERAL SPECIFICATIONS Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) 2500 Vrms Minimum Insulation Resistance (@ 500 V DC) 109 Ohm Maximum Capacitance, Input/Output 50 pF Ambient Operating Temperature Range -30 to 80°C Ambient Storage Temperature Range -40 to 125 °C Weight (typical) 3.0 oz (86.5g) Encapsulation Thermally conductive Epoxy Terminals Screws and Saddle Clamps Furnished, Unmounted Recommended Terminal Screw Torque Range: 6-32 Screws - 10 in lbs. 8-32 and 10-32 Screws -20 in. lbs. (Screws dry without grase) GENERAL NOTES 1) All parameters at 25°C unless otherwise specified. 2) Dielectric strength and insulation resistance are measured between input and output. 3) Heat sinking required, see derating curves. 4) Input circuitry incorporates active current limiter |
Similar Part No. - D06D60 |
|
Similar Description - D06D60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |