Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1210 Datasheet(PDF) 3 Page - Crydom Inc.,

Part # D1210
Description  panel mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D1210 Datasheet(HTML) 3 Page - Crydom Inc.,

  D1210 Datasheet HTML 1Page - Crydom Inc., D1210 Datasheet HTML 2Page - Crydom Inc., D1210 Datasheet HTML 3Page - Crydom Inc., D1210 Datasheet HTML 4Page - Crydom Inc., D1210 Datasheet HTML 5Page - Crydom Inc., D1210 Datasheet HTML 6Page - Crydom Inc., D1210 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DataSheet
Panel Mount
MECHANICAL SPECIFICATIONS (1)
Screw Termination
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.18 [4.5]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Mounting
Hole/Slot
r 0.09 [2.2]
0.92
[23.3]
Round Standoff Termination (“K” Option)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.18 [4.5]
DIA.
1.08
[27.5]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Mounting
Hole/Slot
r 0.09 [2.2]
0.89
[22.6]
Quick Connect Termination (“F” Option) - Up to 25 Amp (7)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
Mounting
Hole/Slot
0.18 [4.5]
DIA.
1.1
[27.9]
0.49
[12.4]
8-32 Output Screw
(2 places)
Faston Terminal
0.25 x 0.032
(2 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
Mounting
Hole/Slot
r 0.09 [2.2]
1.0
[25.4]
1.75
[44.5]
6-32 Input Screw
(2 places)
Faston Terminal
0.187 x 0.032 (2 places)
0.89
[22.6]
1.25
[31.8]
Quick Connect Termination (“F” Option) - Up to 50 Amp (7)
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Mounting
Hole/Slot
0.18 [4.5]
DIA.
1.1
[27.9]
0.49
[12.4]
8-32 Output Screw
(2 places)
Faston Terminal
0.25 x 0.032
(4 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
Mounting
Hole/Slot
r 0.09 [2.2]
1.0
[25.4]
1.75
[44.5]
6-32 Input Screw
(2 places)
Faston Terminal
0.187 x 0.032 (2 places)
0.89
[22.6]
1.25
[31.8]
GENERAL NOTES
(1) All parameters at 25°C unless otherwise specified.
(2) For “S” option, operating voltage frequency is 47-63Hz.
(3) For parts with option “S” maximum leakage current is 10mA.
(4) Heat sinking required, see derating curves.
(5) Increase minimum voltage by 1V for operations from -20 to -40°C.
(6) Turn-on time for Instantaneous turn-on versions is 0.02 msec (DC Control Models).
(7) Single pair (up to 25A) Double pair* (50A model only). *Caution: User must connect to both pairs.
(8) Output will self trigger between 450-600Vpk, not suitable for capacitive loads.
(9) Instantaneous turn-on version is not recomended for capacitive loads. Use zero turn-on only.
(10) Elective Input Status LED, “G” option.
(11) Elective Overvoltage Protection, “P” option.
(12) Elective Internal Snubber, “S” option.
(13) Load can be wired to either SSR output terminal 1 or 2.
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - D1210

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1210 SEME-LAB-D1210 Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
logo
List of Unclassifed Man...
D1210 ETC1-D1210 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
D1210 CRYDOM-D1210 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D1210 CRYDOM-D1210 Datasheet
950Kb / 7P
   Panel Mount
logo
Sensata Technologies, I...
D1210 SENSATA-D1210 Datasheet
693Kb / 6P
   PANEL MOUNT
More results

Similar Description - D1210

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
   PANEL MOUNT
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
CMD2425 CRYDOM-CMD2425_11 Datasheet
580Kb / 5P
   Panel Mount
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
   Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
   Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
   Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
   Panel Mount
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
   panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
   panel mount
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com