Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC8PBF Datasheet(PDF) 3 Page - International Rectifier

Part # KBPC8PBF
Description  6A, 8A Single Phase Rectifier Bridge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

KBPC8PBF Datasheet(HTML) 3 Page - International Rectifier

  KBPC8PBF Datasheet HTML 1Page - International Rectifier KBPC8PBF Datasheet HTML 2Page - International Rectifier KBPC8PBF Datasheet HTML 3Page - International Rectifier KBPC8PBF Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBPC6PbF, KBPC8PbF SERIES
Bulletin U2790 09/05
Outline (D-72 package)
All dimensions in millimetres(inches)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
09/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
1
-
Single Phase Rectifier Plastic Bridge
2
-
Current Ratings
3
-
Voltage Ratings (see Voltage Ratings table)
4
-
Lead-Free
KBPC
8
10
PbF
1
2
3
Ordering Information Table
Device Code
8 = 8A
6 = 6A
+
1.10(0.043)
0.90(0.035)
3.80(0.150)
Dia.
15.75(0.620)
14.75(0.580)
15.75(0.620)
14.75(0.580)
10.8(0.425)
10.0(0.394)
10.8(0.425)
10.0(0.394)
25.4(1.000)
Min.
5.33(0.210)
4.33(0.170)
Dia.
4
Document Number: 94360
www.vishay.com
3


Similar Part No. - KBPC8PBF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC8 SEMTECH-KBPC8 Datasheet
126Kb / 2P
   8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Vishay Siliconix
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
logo
CHENG-YI ELECTRONIC CO....
KBPC8 CHENG-YI-KBPC8 Datasheet
128Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBPC8 VISHAY-KBPC8 Datasheet
110Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
KBPC8 VISHAY-KBPC8 Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
More results

Similar Description - KBPC8PBF

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP6-005 FRONTIER-BP6-005 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU8 NELLSEMI-GBU8 Datasheet
159Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
KBJ8 NELLSEMI-KBJ8 Datasheet
231Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 8A
GBU6 NELLSEMI-GBU6 Datasheet
161Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 6A
KBJ6 NELLSEMI-KBJ6 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 6A
logo
Frontier Electronics.
BU8-005 FRONTIER-BU8-005 Datasheet
121Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC8005 SEMTECH_ELEC-KBPC8005 Datasheet
237Kb / 2P
   8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BU8-005-LFR FRONTIER-BU8-005-LFR Datasheet
122Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005 FRONTIER-GBU8-005 Datasheet
124Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005-LFR FRONTIER-GBU8-005-LFR Datasheet
127Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com