Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3LM-12RB-A8B00 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR3LM-12RB-A8B00
Description  600V - 3A - Triac Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR3LM-12RB-A8B00 Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR3LM-12RB-A8B00 Datasheet HTML 1Page - Renesas Technology Corp BCR3LM-12RB-A8B00 Datasheet HTML 2Page - Renesas Technology Corp BCR3LM-12RB-A8B00 Datasheet HTML 3Page - Renesas Technology Corp BCR3LM-12RB-A8B00 Datasheet HTML 4Page - Renesas Technology Corp BCR3LM-12RB-A8B00 Datasheet HTML 5Page - Renesas Technology Corp BCR3LM-12RB-A8B00 Datasheet HTML 6Page - Renesas Technology Corp BCR3LM-12RB-A8B00 Datasheet HTML 7Page - Renesas Technology Corp BCR3LM-12RB-A8B00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR3LM-12RB
Preliminary
R07DS0863EJ0100 Rev.1.00
Page 7 of 7
Nov 14, 2012
Package Dimensions
Unit: mm
Previous Code
PRSS0003AF-A
TO-220FL
MASS[Typ.]
1.5g
RENESAS Code
JEITA Package Code
Package Name
TO-220FL
10.0
± 0.3
3.2
± 0.2
0.75
± 0.15
1.15
± 0.2
2.54
± 0.25
2.54
± 0.25
0.40
± 0.15
2.8
± 0.2
1.15
± 0.2
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
BCR3LM-12RB#B00
Tube
50 pcs.
Straight type
BCR3LM-12RB-A8#B00
Tube
50 pcs.
A8 Lead form
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - BCR3LM-12RB-A8B00

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR3LM-12RB ISC-BCR3LM-12RB Datasheet
219Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR3LM-12RB RENESAS-BCR3LM-12RB_15 Datasheet
101Kb / 8P
   600V - 3A - Triac Low Power Use
More results

Similar Description - BCR3LM-12RB-A8B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3LM-12RB RENESAS-BCR3LM-12RB_15 Datasheet
101Kb / 8P
   600V - 3A - Triac Low Power Use
BCR3FM-12RB RENESAS-BCR3FM-12RB_15 Datasheet
71Kb / 4P
   600V - 3A - Triac Medium Power Use
BCR3FM-12LB RENESAS-BCR3FM-12LB_15 Datasheet
63Kb / 4P
   600V - 3A - Triac Medium Power Use
BCR3FM-12LB RENESAS-BCR3FM-12LB Datasheet
63Kb / 4P
   600V - 3A - Triac Medium Power Use
BCR3FM-12RB RENESAS-BCR3FM-12RB Datasheet
59Kb / 4P
   600V - 3A - Triac Medium Power Use
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR1AM-12A RENESAS-BCR1AM-12A_15 Datasheet
91Kb / 7P
   600V-1A-Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE_15 Datasheet
179Kb / 7P
   600V - 2A - Triac Low Power Use
BCR3FM-12RB RENESAS-BCR3FM-12RB_17 Datasheet
812Kb / 9P
   600V - 3A - Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com