Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT6SD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MCT6SD
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT6SD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MCT6SD Datasheet HTML 1Page - Fairchild Semiconductor MCT6SD Datasheet HTML 2Page - Fairchild Semiconductor MCT6SD Datasheet HTML 3Page - Fairchild Semiconductor MCT6SD Datasheet HTML 4Page - Fairchild Semiconductor MCT6SD Datasheet HTML 5Page - Fairchild Semiconductor MCT6SD Datasheet HTML 6Page - Fairchild Semiconductor MCT6SD Datasheet HTML 7Page - Fairchild Semiconductor MCT6SD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10/20/04
Page 5 of 8
© 2003 Fairchild Semiconductor Corporation
DUAL PHOTOTRANSISTOR
OPTOCOUPLERS
MCT6
MCT61
MCT62
Package Dimensions (Through Hole)
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.020 (0.51) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.300 (7.62)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
15° MAX
PIN 1
ID.
Package Dimensions (Surface Mount)
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.250 (6.35)
0.390 (9.91)
0.370 (9.40)
0.022 (0.56)
0.016 (0.41)
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.300 (7.62)
TYP
0.405 (10.30)
MIN
0.315 (8.00)
MIN
0.045 [1.14]
32
1
4
56
7
8
0.016 (0.41)
0.008 (0.20)
PIN 1
ID.
Package Dimensions (0.4"Lead Spacing)
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.004 (0.10) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.400 (10.16)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0° to 15°
PIN 1
ID.
Recommended Pad Layout for
Surface Mount Leadform
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
NOTE
All dimensions are in inches (millimeters)


Similar Part No. - MCT6SD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
MCT6 SIEMENS-MCT6 Datasheet
53Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
MCT6 ETC-MCT6 Datasheet
57Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
MCT6 VISHAY-MCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
logo
Fairchild Semiconductor
MCT6 FAIRCHILD-MCT6 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
More results

Similar Description - MCT6SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001_04 Datasheet
512Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT6 FAIRCHILD-MCT6_06 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001 Datasheet
497Kb / 7P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001S FAIRCHILD-MCT9001S Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MCT9001SD FAIRCHILD-MCT9001SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com