Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2238247557 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # 2238247557
Description  General Purpose & High Capacitance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2238247557 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button 2238247557 Datasheet HTML 6Page - YAGEO Corporation 2238247557 Datasheet HTML 7Page - YAGEO Corporation 2238247557 Datasheet HTML 8Page - YAGEO Corporation 2238247557 Datasheet HTML 9Page - YAGEO Corporation 2238247557 Datasheet HTML 10Page - YAGEO Corporation 2238247557 Datasheet HTML 11Page - YAGEO Corporation 2238247557 Datasheet HTML 12Page - YAGEO Corporation 2238247557 Datasheet HTML 13Page - YAGEO Corporation 2238247557 Datasheet HTML 14Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.yageo.com
Oct 13, 2011 V.8
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
10
20
Product specification
X7R
DESCRIPTION
VALUE
Capacitance range
100 pF to 22 µF
Capacitance tolerance
±5%, ±10%, ±20%
Dissipation factor (D.F.)
≤ 10 V
≤ 5%
Exception: 0201 ≥ 12 nF;
0603 ≥ 2.2 µF;
0805 ≥ 4.7 µF;
≤ 10%
1210 ≥ 4.7 µF
0805 ≥ 10 µF;
1206 ≥ 10 µF
≤ 15%
16 V
≤ 3.5%
Exception: 0201 ≥ 1.5 nF;
0402 ≥ 27 nF;
0603 ≥ 220 nF;
≤ 5%
0805 ≥ 680 nF;
1206 ≥ 2.2 µF;
1210 ≥ 10 µF
1206 ≥ 10 µF;
1210 ≥ 22 µF
≤ 10%
25 V
≤ 2.5%
Exception: 0402 ≥ 10 nF;
0603 ≥ 47 nF;
0805 ≥ 220 nF;
≤ 3.5%
1206 ≥ 1 µF;
1210 ≥ 4.7 µF
0201 ≥ 560 pF;
0402 ≥ 56 nF;
0603 ≥ 1 µF;
≤ 5%
0805 ≥ 680 nF;
1206 ≥ 2.2 µF;
1210 ≥ 10 µF
1206 ≥ 4.7 µF
≤ 10%
≥ 50 V
≤ 2.5%
Exception: 0201 ≥ 47 pF;
1206 ≥ 1 µF
≤ 3.5%
0603 ≥ 47 nF
≤ 3.0%
Insulation resistance after 1 minute at Ur (DC)
Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less
Maximum capacitance change as a function of temperature
(temperature characteristic/coefficient):
±15%
Operating temperature range:
–55 °C to +125 °C
NOTE
Capacitance tolerance ±5% is not available for full product range, please contact local sales force before ordering
Table 7
ELECTRICAL CHARACTERISTICS
X
X77R
R D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions
for testing as given in 5.3 of IEC 60068-1:
-
Temperature: 15
°C to 35 °C
-
Relative humidity: 25% to 75%
-
Air pressure: 86 kPa to 106 kPa
Before the measurements are made, the capacitor shall be stored at the measuring temperature for a time
sufficient to allow the entire capacitor to reach this temperature.
The period as prescribed for recovery at the end of a test is normally sufficient for this purpose.


Similar Part No. - 2238247557

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2238200-3 TEC-2238200-3 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
2238204-3 TEC-2238204-3 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
2238205-3 TEC-2238205-3 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
2238206-3 TEC-2238206-3 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
2238207-3 TEC-2238207-3 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
More results

Similar Description - 2238247557

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0201KRX5R4BB ETC1-CC0201KRX5R4BB Datasheet
374Kb / 18P
   General purpose & High capacitance Class 2, X5R
logo
MKS Instruments.
740C MKS-740C Datasheet
167Kb / 4P
   GENERAL PURPOSE BARATRON CAPACITANCE MANOMETERS
logo
YAGEO Corporation
CC1206KKX7R6BB475 YAGEO-CC1206KKX7R6BB475 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS General Purpose & High Capacitance
logo
MKS Instruments.
722B MKS-722B Datasheet
125Kb / 2P
   GENERAL PURPOSE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
AA09A MKS-AA09A Datasheet
378Kb / 2P
   General Purpose Absolute Baratron Capacitance Manometer
R740C MKS-R740C Datasheet
241Kb / 4P
   BARATRON GENERAL PURPOSE CAPACITANCE MANOMETERS WITH TRIP RELAYS
logo
Sanyo Semicon Device
VS902SL SANYO-VS902SL Datasheet
233Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
logo
Leshan Radio Company
R1800 LRC-R1800_15 Datasheet
207Kb / 7P
   General Purpose High
logo
Sanyo Semicon Device
2MP03SF SANYO-2MP03SF Datasheet
34Kb / 4P
   High-Frequency General-Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com