Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0805GKM7W0R001 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # PF0805GKM7W0R001
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PF0805GKM7W0R001 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button PF0805GKM7W0R001 Datasheet HTML 2Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 3Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 4Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 5Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 6Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 7Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 8Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 9Page - YAGEO Corporation PF0805GKM7W0R001 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
10
10
SERIES
PR/PF/PH
0805/1206/2512/0815
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 0
Nov 01, 2011
-
- New datasheet for current sensor - low TCR PR/PF/PH series sizes of
0805/1206/2512, 1%, 2% and 5% with lead-free terminations
- Replace the pdf files: Pu-PRPF_PE_51_PbFree_L_1.pdf & PYu-
PR_521_RoHS_L_2.pdf


Similar Part No. - PF0805GKM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PF0805 YAGEO-PF0805 Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
More results

Similar Description - PF0805GKM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com