Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30A Datasheet(PDF) 9 Page - Altera Corporation

Part # EPF10K30A
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30A Datasheet(HTML) 9 Page - Altera Corporation

Back Button EPF10K30A Datasheet HTML 5Page - Altera Corporation EPF10K30A Datasheet HTML 6Page - Altera Corporation EPF10K30A Datasheet HTML 7Page - Altera Corporation EPF10K30A Datasheet HTML 8Page - Altera Corporation EPF10K30A Datasheet HTML 9Page - Altera Corporation EPF10K30A Datasheet HTML 10Page - Altera Corporation EPF10K30A Datasheet HTML 11Page - Altera Corporation EPF10K30A Datasheet HTML 12Page - Altera Corporation EPF10K30A Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
Altera Corporation
9
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 1. FLEX 10K Device Block Diagram
FLEX 10K devices provide six dedicated inputs that drive the flipflops’
control inputs to ensure the efficient distribution of high-speed, low-skew
(less than 1.5 ns) control signals. These signals use dedicated routing
channels that provide shorter delays and lower skews than the FastTrack
Interconnect. Four of the dedicated inputs drive four global signals. These
four global signals can also be driven by internal logic, providing an ideal
solution for a clock divider or an internally generated asynchronous clear
signal that clears many registers in the device.
Embedded Array Block
The EAB is a flexible block of RAM with registers on the input and output
ports, and is used to implement common gate array megafunctions. The
EAB is also suitable for functions such as multipliers, vector scalars, and
error correction circuits, because it is large and flexible. These functions
can be combined in applications such as digital filters and
microcontrollers.
I/O Element
(IOE)
Logic Array
Block (LAB)
Row
Interconnect
IOE
IOE
IOE
IOE
IOE
IOE
IOE
Local Interconnect
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
Logic Element (LE)
Column
Interconnect
IOE
EAB
EAB
Logic
Array
IOE
IOE
IOE
IOE
IOE
IOE
Embedded Array Block (EAB)
Embedded Array
IOE
IOE
Logic Array
IOE
IOE


Similar Part No. - EPF10K30A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K30A ALTERA-EPF10K30A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30A ALTERA-EPF10K30A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30A ALTERA-EPF10K30A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K30A ALTERA-EPF10K30A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30A ALTERA-EPF10K30A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K30A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com