Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF1206GRM7W0R001 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # PF1206GRM7W0R001
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PF1206GRM7W0R001 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button PF1206GRM7W0R001 Datasheet HTML 2Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 3Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 4Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 5Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 6Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 7Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 8Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 9Page - YAGEO Corporation PF1206GRM7W0R001 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
9
10
SERIES
PR/PF/PH
0805/1206/2512/0815
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDECJ-STD-002B test B
IEC 60068-2-58
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDECJ-STD-002B test D
IEC 60068-2-58
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
MIL-STD-202G-method 210F
IEC 60068-2-58
Condition B, no pre-heat of samples
Leadfree solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(0.5%+0.0005 Ω)
No visible damage


Similar Part No. - PF1206GRM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PF1206 YAGEO-PF1206 Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Protek Devices
PF1206F PROTEC-PF1206F Datasheet
472Kb / 6P
   Fast acting chip fuses
PF1206F1 PROTEC-PF1206F1 Datasheet
472Kb / 6P
   Fast acting chip fuses
PF1206F1.25 PROTEC-PF1206F1.25 Datasheet
472Kb / 6P
   Fast acting chip fuses
PF1206F1.5 PROTEC-PF1206F1.5 Datasheet
472Kb / 6P
   Fast acting chip fuses
More results

Similar Description - PF1206GRM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com