Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM570100C5N Datasheet(PDF) 3 Page - Altera Corporation

Part # EPM570100C5N
Description  The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM570100C5N Datasheet(HTML) 3 Page - Altera Corporation

  EPM570100C5N Datasheet HTML 1Page - Altera Corporation EPM570100C5N Datasheet HTML 2Page - Altera Corporation EPM570100C5N Datasheet HTML 3Page - Altera Corporation EPM570100C5N Datasheet HTML 4Page - Altera Corporation EPM570100C5N Datasheet HTML 5Page - Altera Corporation EPM570100C5N Datasheet HTML 6Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Chapter 1: Introduction
1–3
Features
© August 2009
Altera Corporation
MAX II Device Handbook
MAX II devices are available in space-saving FineLine BGA, Micro FineLine BGA,
and thin quad flat pack (TQFP) packages (refer to Table 1–3 and Table 1–4). MAX II
devices support vertical migration within the same package (for example, you can
migrate between the EPM570, EPM1270, and EPM2210 devices in the 256-pin
FineLine BGA package). Vertical migration means that you can migrate to devices
whose dedicated pins and JTAG pins are the same and power pins are subsets or
supersets for a given package across device densities. The largest density in any
package has the highest number of power pins; you must lay out for the largest
planned density in a package to provide the necessary power pins for migration. For
I/O pin migration across densities, cross reference the available I/O pins using the
device pin-outs for all planned densities of a given package type to identify which
I/O pins can be migrated. The Quartus® II software can automatically cross-reference
and place all pins for you when given a device migration list.
Table 1–3. MAX II Packages and User I/O Pins
Device
68-Pin
Micro
FineLine
BGA (1)
100-Pin
Micro
FineLine
BGA (1)
100-Pin
FineLine
BGA
100-Pin
TQFP
144-Pin
TQFP
144-Pin
Micro
FineLine
BGA (1)
256-Pin
Micro
FineLine
BGA (1)
256-Pin
FineLine
BGA
324-Pin
FineLine
BGA
EPM240
EPM240G
—80
80
80
EPM570
EPM570G
76
76
76
116
160
160
EPM1270
EPM1270G
116
212
212
EPM2210
EPM2210G
——
—204
272
EPM240Z
54
80
EPM570Z
76
116
160
Note to Table 1–3:
(1) Packages available in lead-free versions only.
Table 1–4. MAX II TQFP, FineLine BGA, and Micro FineLine BGA Package Sizes
Package
68-Pin
Micro
FineLine
BGA
100-Pin
Micro
FineLine
BGA
100-Pin
FineLine
BGA
100-Pin
TQFP
144-Pin
TQFP
144-Pin
Micro
FineLine
BGA
256-Pin
Micro
FineLine
BGA
256-Pin
FineLine
BGA
324-Pin
FineLine
BGA
Pitch (mm)
0.5
0.5
1
0.5
0.5
0.5
0.5
1
1
Area (mm2)
25
36
121
256
484
49
121
289
361
Length × width
(mm × mm)
5 × 5
6 × 6
11 × 11
16 × 16
22 × 22
7 × 7
11 × 11
17 × 17
19 × 19


Similar Part No. - EPM570100C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM570 ALTERA-EPM570 Datasheet
103Kb / 10P
   JTAG & In-System Programmability
EPM570 ALTERA-EPM570 Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM570 ALTERA-EPM570 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM570 ALTERA-EPM570 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
EPM570 ALTERA-EPM570 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
More results

Similar Description - EPM570100C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240T100C4 ALTERA-EPM240T100C4 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM2210GF256C5N ALTERA-EPM2210GF256C5N Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
EPM570F256C3 ALTERA-EPM570F256C3 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
logo
Fujitsu Component Limit...
CS86 FUJITSU-CS86 Datasheet
141Kb / 16P
   The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
logo
Littelfuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
   The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
MC56F823XX NXP-MC56F823XX Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82348MLH NXP-MC56F82348MLH Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 2, 07/2020
MC56F836XXDS NXP-MC56F836XXDS Datasheet
1Mb / 60P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 1.6, 09/2019
MC56F80XXX NXP-MC56F80XXX Datasheet
1Mb / 72P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EF core.
Rev. 2, 11/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com