Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM1270G100C5N Datasheet(PDF) 1 Page - Altera Corporation

Part # EPM1270G100C5N
Description  The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM1270G100C5N Datasheet(HTML) 1 Page - Altera Corporation

  EPM1270G100C5N Datasheet HTML 1Page - Altera Corporation EPM1270G100C5N Datasheet HTML 2Page - Altera Corporation EPM1270G100C5N Datasheet HTML 3Page - Altera Corporation EPM1270G100C5N Datasheet HTML 4Page - Altera Corporation EPM1270G100C5N Datasheet HTML 5Page - Altera Corporation EPM1270G100C5N Datasheet HTML 6Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© August 2009
Altera Corporation
MAX II Device Handbook
1. Introduction
Introduction
The MAX® II family of instant-on, non-volatile CPLDs is based on a 0.18-µm,
6-layer-metal-flash process, with densities from 240 to 2,210 logic elements (LEs) (128
to 2,210 equivalent macrocells) and non-volatile storage of 8 Kbits. MAX II devices
offer high I/O counts, fast performance, and reliable fitting versus other CPLD
architectures. Featuring MultiVolt core, a user flash memory (UFM) block, and
enhanced in-system programmability (ISP), MAX II devices are designed to reduce
cost and power while providing programmable solutions for applications such as bus
bridging, I/O expansion, power-on reset (POR) and sequencing control, and device
configuration control.
Features
The MAX II CPLD has the following features:
Low-cost, low-power CPLD
Instant-on, non-volatile architecture
Standby current as low as 25 µA
Provides fast propagation delay and clock-to-output times
Provides four global clocks with two clocks available per logic array block (LAB)
UFM block up to 8 Kbits for non-volatile storage
MultiVolt core enabling external supply voltages to the device of either
3.3 V/2.5 V or 1.8 V
MultiVolt I/O interface supporting 3.3-V, 2.5-V, 1.8-V, and 1.5-V logic levels
Bus-friendly architecture including programmable slew rate, drive strength,
bus-hold, and programmable pull-up resistors
Schmitt triggers enabling noise tolerant inputs (programmable per pin)
I/Os are fully compliant with the Peripheral Component Interconnect Special
Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2 for 3.3-V
operation at 66 MHz
Supports hot-socketing
Built-in Joint Test Action Group (JTAG) boundary-scan test (BST) circuitry
compliant with IEEE Std. 1149.1-1990
ISP circuitry compliant with IEEE Std. 1532
MII51001-1.9


Similar Part No. - EPM1270G100C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM1270G ALTERA-EPM1270G Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM1270G ALTERA-EPM1270G Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM1270G ALTERA-EPM1270G Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
EPM1270G ALTERA-EPM1270G Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
logo
Intel Corporation
EPM1270G INTEL-EPM1270G Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
More results

Similar Description - EPM1270G100C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240T100C4 ALTERA-EPM240T100C4 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM2210GF256C5N ALTERA-EPM2210GF256C5N Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
EPM570F256C3 ALTERA-EPM570F256C3 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
logo
Fujitsu Component Limit...
CS86 FUJITSU-CS86 Datasheet
141Kb / 16P
   The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
logo
Littelfuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
   The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
MC56F823XX NXP-MC56F823XX Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82348MLH NXP-MC56F82348MLH Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 2, 07/2020
MC56F836XXDS NXP-MC56F836XXDS Datasheet
1Mb / 60P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 1.6, 09/2019
MC56F80XXX NXP-MC56F80XXX Datasheet
1Mb / 72P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EF core.
Rev. 2, 11/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com