Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM240Z100C5N Datasheet(PDF) 4 Page - Altera Corporation

Part # EPM240Z100C5N
Description  The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240Z100C5N Datasheet(HTML) 4 Page - Altera Corporation

  EPM240Z100C5N Datasheet HTML 1Page - Altera Corporation EPM240Z100C5N Datasheet HTML 2Page - Altera Corporation EPM240Z100C5N Datasheet HTML 3Page - Altera Corporation EPM240Z100C5N Datasheet HTML 4Page - Altera Corporation EPM240Z100C5N Datasheet HTML 5Page - Altera Corporation EPM240Z100C5N Datasheet HTML 6Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1–4
Chapter 1: Introduction
Referenced Documents
MAX II Device Handbook
© August 2009
Altera Corporation
MAX II devices have an internal linear voltage regulator which supports external
supply voltages of 3.3 V or 2.5 V, regulating the supply down to the internal operating
voltage of 1.8 V. MAX IIG and MAX IIZ devices only accept 1.8 V as the external
supply voltage. MAX IIZ devices are pin-compatible with MAX IIG devices in the
100-pin Micro FineLine BGA and 256-pin Micro FineLine BGA packages. Except for
external supply voltage requirements, MAX II and MAX II G devices have identical
pin-outs and timing specifications. Table 1–5 shows the external supply voltages
supported by the MAX II family.
Referenced Documents
This chapter references the following documents:
DC and Switching Characteristics chapter in the MAX II Device Handbook
MAX II Logic Element to Macrocell Conversion Methodology white paper
Document Revision History
Table 1–6 shows the revision history for this chapter.
Table 1–5. MAX II External Supply Voltages
Devices
EPM240
EPM570
EPM1270
EPM2210
EPM240G
EPM570G
EPM1270G
EPM2210G
EPM240Z
EPM570Z (1)
MultiVolt core external supply voltage (V
CCINT) (2)
3.3 V, 2.5 V
1.8 V
MultiVolt I/O interface voltage levels (V
CCIO)
1.5 V, 1.8 V, 2.5 V, 3.3 V
1.5 V, 1.8 V, 2.5 V, 3.3 V
Notes to Table 1–5:
(1) MAX IIG and MAX IIZ devices only accept 1.8 V on their VCCINT pins. The 1.8-V VCCINT external supply powers the device core directly.
(2) MAX II devices operate internally at 1.8 V.
Table 1–6. Document Revision History
Date and Revision
Changes Made
Summary of Changes
August 2009,
version 1.9
Updated Table 1–2.
Added information for speed grade –8
October 2008,
version 1.8
Updated “Introduction” section.
Updated new Document Format.
December 2007,
version1.7
Updated Table 1–1 through Table 1–5.
Added “Referenced Documents” section.
Updated document with MAX IIZ information.
December 2006,
version 1.6
Added document revision history.
August 2006,
version 1.5
Minor update to features list.
July 2006,
version 1.4
Minor updates to tables.


Similar Part No. - EPM240Z100C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240Z ALTERA-EPM240Z Datasheet
863Kb / 88P
   MAX II Device Family Data
EPM240Z ALTERA-EPM240Z Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM240Z ALTERA-EPM240Z Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
EPM240Z ALTERA-EPM240Z Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EPM240ZF100A ALTERA-EPM240ZF100A Datasheet
1Mb / 86P
   MAX II Device Family
More results

Similar Description - EPM240Z100C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240T100C4 ALTERA-EPM240T100C4 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM2210GF256C5N ALTERA-EPM2210GF256C5N Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
EPM570F256C3 ALTERA-EPM570F256C3 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
logo
Fujitsu Component Limit...
CS86 FUJITSU-CS86 Datasheet
141Kb / 16P
   The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
logo
Littelfuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
   The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
MC56F823XX NXP-MC56F823XX Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82348MLH NXP-MC56F82348MLH Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 2, 07/2020
MC56F836XXDS NXP-MC56F836XXDS Datasheet
1Mb / 60P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 1.6, 09/2019
MC56F80XXX NXP-MC56F80XXX Datasheet
1Mb / 72P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EF core.
Rev. 2, 11/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com